Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C6V2-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AZ23C6V2-V
Description  Small Signal Zener Diodes, Dual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23C6V2-V Datasheet(HTML) 2 Page - Vishay Siliconix

  AZ23C6V2-V Datasheet HTML 1Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 2Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 3Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 4Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 5Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 6Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 7Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 8Page - Vishay Siliconix AZ23C6V2-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 85759
Rev. 1.5, 24-Mar-06
AZ23-V-Series
Vishay Semiconductors
Electrical Characteristics
1) Tested with pulses tp = 5 ms
Partnumber
Marking
Code
Zener Voltage Range1)
Dynamic Resistance
Test
Current
Temperature Coefficient
of Zener Voltage
Reverse
Voltage
VZ at IZT
rzj at
IZT = 5 mA,
f = 1 kHz
rzj at
IZT = 1 mA,
f = 1 kHz
IZT
α
VZ at IZT
VR at
IR = 100 nA
V
Ω
mA
10-4/°C
V
min
max
min
max
AZ23C2V7-V
D1
2.5
2.9
75 (< 83)
< 500
5
- 9
- 4
-
AZ23C3V0-V
D2
2.8
3.2
80 (< 95)
< 500
5
- 9
- 3
-
AZ23C3V3-V
D3
3.1
3.5
80 (< 95)
< 500
5
- 8
- 3
-
AZ23C3V6-V
D4
3.4
3.8
80 (< 95)
< 500
5
- 8
- 3
-
AZ23C3V9-v
D5
3.7
4.1
80 (< 95)
< 500
5
- 7
- 3
-
AZ23C4V3-V
D6
4
4.6
80 (< 95)
< 500
5
- 6
- 1
-
AZ23C4V7-V
D7
4.4
5
70 (< 78)
< 500
5
- 5
2
-
AZ23C5V1-V
D8
4.8
5.4
30 (< 60)
< 480
5
- 3
4
> 0.8
AZ23C5V6-V
D9
5.2
6
10 (< 40)
< 400
5
- 2
6
> 1
AZ23C6V2-V
D10
5.8
6.6
4.8 (< 10)
< 200
5
- 1
7
> 2
AZ23C6V8-V
D11
6.4
7.2
4.5 (< 8)
< 150
5
2
7
> 3
AZ23C7V5-V
D12
7
7.9
4 (< 7)
< 50
5
- 3
7
> 5
AZ23C8V2-V
D13
7.7
8.7
4.5 (< 7)
< 50
5
4
7
> 6
AZ23C9V1-V
D14
8.5
9.6
4.8 (< 10)
< 50
5
5
8
> 7
AZ23C10-V
D15
9.4
10.6
5.2 (< 15)
< 70
5
5
8
> 7.5
AZ23C11-V
D16
10.4
11.6
6 (< 20)
< 70
5
5
9
> 8.5
AZ23C12-V
D17
11.4
12.7
7 (< 20)
< 90
5
6
9
> 9
AZ23C13-V
D18
12.4
14.1
9 (< 25)
< 110
5
7
9
> 10
AZ23C15-V
D19
13.8
15.6
11 (< 30)
< 110
5
7
9
> 11
AZ23C16-V
D20
15.3
17.1
13 (< 40)
< 170
5
8
9.5
> 12
AZ23C18-V
D21
16.8
19.1
18 (< 50)
< 170
5
8
9.5
> 14
AZ23C20-V
D22
18.8
21.2
20 (< 50)
< 220
5
8
10
> 15
AZ23C22-V
D23
20.8
23.3
25 (< 55)
< 220
5
8
10
> 17
AZ23C24-V
D24
22.8
25.6
28 (< 80)
< 220
5
8
10
> 18
AZ23C27-V
D25
25.1
28.9
30 (< 80)
< 250
5
8
10
> 20
AZ23C30-V
D26
28
32
35 (< 80)
< 250
5
8
10
> 22.5
AZ23C33-V
D27
31
35
40 (< 80)
< 250
5
8
10
> 25
AZ23C36-V
D28
34
38
40 (< 90)
< 250
5
8
10
> 27
AZ23C39-V
D29
37
41
50 (< 90)
< 300
5
10
12
> 29
AZ23C43-V
D30
40
46
60 (< 100)
< 700
5
10
12
> 32
AZ23C47-V
D31
44
50
70 (< 100)
< 750
5
10
12
> 35
AZ23C51-V
D32
48
54
70 (< 100)
< 750
5
10
12
> 38


Similar Part No. - AZ23C6V2-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C6V2-V VISHAY-AZ23C6V2-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
AZ23C6V2-V VISHAY-AZ23C6V2-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
AZ23C6V2-V-G VISHAY-AZ23C6V2-V-G Datasheet
116Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.2, 31-Aug-11
More results

Similar Description - AZ23C6V2-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com