Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2381595X400Y Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 2381595X400Y
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2381595X400Y Datasheet(HTML) 5 Page - Vishay Siliconix

  2381595X400Y Datasheet HTML 1Page - Vishay Siliconix 2381595X400Y Datasheet HTML 2Page - Vishay Siliconix 2381595X400Y Datasheet HTML 3Page - Vishay Siliconix 2381595X400Y Datasheet HTML 4Page - Vishay Siliconix 2381595X400Y Datasheet HTML 5Page - Vishay Siliconix 2381595X400Y Datasheet HTML 6Page - Vishay Siliconix 2381595X400Y Datasheet HTML 7Page - Vishay Siliconix 2381595X400Y Datasheet HTML 8Page - Vishay Siliconix 2381595X400Y Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
20
Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
ELECTRICAL CHARACTERISTICS
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF PULSE
WIDTH
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient current (INRP) (8 x 20 µs) :
2381 592 ...../VDRS05......E
100 or 400
A
2381 593 ...../VDRS07......E
250 or 1200
A
2381 594 ...../VDRS10......E
500 or 2500
A
2381 595 ...../VDRS14......E
1000 or 4500
A
2381 596 ...../VDRS20......E
2000 or 6500
A
Thermal resistance:
2381 592 ...../VDRS05......E
≈ 80
K/W
2381 593 ...../VDRS07......E
≈ 70
K/W
2381 594 ...../VDRS10......E
≈ 60
K/W
2381 595 ...../VDRS14......E
≈ 50
K/W
2381 596 ...../VDRS20......E
≈ 40
K/W
Maximum dissipation:
2381 592 ...../VDRS05......E
100
mW
2381 593 ...../VDRS07......E
250
mW
2381 594 ...../VDRS10......E
400
mW
2381 595 ...../VDRS14......E
600
mW
2381 596 ...../VDRS20......E
1000
mW
Temperature coefficient of voltage at 1 mA maximum
± 0.05
%/K
Voltage proof between interconnected leads and case
2500
V
Storage temperature
- 40 to + 125
°C
Operating temperature
- 40 to + 85
°C
100 %
0
- 40
85
T
amb (°C)
Maximum Dissipation
Maximum Energy
Maximum Transient Current
125
t (µs)
t
2
t
1
I
p
(%)
100
0
10
50
90
t
2 (µs)
20
50
100
1000
K
1
1.2
1.3
1.4
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D
NOM.
D
MAX.
A
MAX.
A0
MAX.
L
MIN.
T
MAX.
d
F
CATALOG NUMBER
5.0
7.0
9.0
11.0
24.0
6.5
0.6 ± 0.05
5 ± 1.0
2381 592 ...../VDRS05......E
7.0
9.0
11.0
13.0
24.0
6.5
0.6 ± 0.05
5 ± 1.0
2381 593 ...../VDRS07......E
10.0
13.5
15.5
18.0
17.0
8
0.8 ± 0.05
7.5 ± 1.0
2381 594 ...../VDRS10......E
14.0
17.0
19.0
23.0
16.0
8
0.8 ± 0.05
7.5 ± 1.0
2381 595 ...../VDRS14......E
20.0
23.0
25.0
28.0
24.0
10
1.0 ± 0.05
10 ± 1.0
2381 596 ...../VDRS20......E


Similar Part No. - 2381595X400Y

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
238156001 GENERAL-238156001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
2381582X111Y VISHAY-2381582X111Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
2381582X131Y VISHAY-2381582X131Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
More results

Similar Description - 2381595X400Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com