Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKD600-16 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKD600-16
Description  Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD600-16 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKD600-16 Datasheet HTML 1Page - Vishay Siliconix VSKD600-16 Datasheet HTML 2Page - Vishay Siliconix VSKD600-16 Datasheet HTML 3Page - Vishay Siliconix VSKD600-16 Datasheet HTML 4Page - Vishay Siliconix VSKD600-16 Datasheet HTML 5Page - Vishay Siliconix VSKD600-16 Datasheet HTML 6Page - Vishay Siliconix VSKD600-16 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93583
4
Revision: 11-Aug-08
VSKD600.. Series
Vishay High Power Products
Standard Diodes, 600 A
(SUPER MAGN-A-PAKTM Power Modules)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
4000
6000
8000
10000
12000
14000
16000
18000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
VSKD600.. Series
Per Junction
Initial T
= 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
4000
6000
8000
10000
12000
14000
16000
18000
20000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Curren t
Initial T
= 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration
.
J
VSKD600.. Series
Per Junction
0
255075
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.1
2
K/
W
0.
16
K/ W
0.25
K/W
0.35
K/ W
0.5 K/ W
0
200
400
600
800
1000
0
200
400
600
800
1000
Total RMS Output Current (A)
VSKD600.. Series
Per Junction
T
= 150°C
J
180°
(Sine)
DC
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C )
0.0
3 K
/ W
0.0
4
K/W
0.0
5
K/W
0.08
K/ W
0.12
K/ W
0.2 K/ W
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
1200
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x VSKD600.. Series
Single Phase Bridge
Connected
T
= 150°C
J


Similar Part No. - VSKD600-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600-16 VISHAY-VSKD600-16 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD600-16 VISHAY-VSKD600-16 Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
More results

Similar Description - VSKD600-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
   Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKDL240-06S10 VISHAY-VSKDL240-06S10 Datasheet
287Kb / 11P
   Fast Recovery Diodes, 250 A (MAGN-A-PAKTM Power Modules)
Revision: 22-Apr-08
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
Revision: 20-Mar-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com