Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2381584X600Y Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2381584X600Y
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2381584X600Y Datasheet(HTML) 2 Page - Vishay Siliconix

  2381584X600Y Datasheet HTML 1Page - Vishay Siliconix 2381584X600Y Datasheet HTML 2Page - Vishay Siliconix 2381584X600Y Datasheet HTML 3Page - Vishay Siliconix 2381584X600Y Datasheet HTML 4Page - Vishay Siliconix 2381584X600Y Datasheet HTML 5Page - Vishay Siliconix 2381584X600Y Datasheet HTML 6Page - Vishay Siliconix 2381584X600Y Datasheet HTML 7Page - Vishay Siliconix 2381584X600Y Datasheet HTML 8Page - Vishay Siliconix 2381584X600Y Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Document Number: 29082
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 09-Oct-08
35
2381 58. ...../VDRH.......E
High Surge Suppression Varistors
Vishay BCcomponents
14
18
22
48
1.0
0.8
250
1300
2381 582 x140y
VDRH05B014xyE
43
2.5
1.7
500
2800
2381 583 x140y
VDRH07D014xyE
43
5.0
3.2
1000
6000
2381 584 x140y
VDRH10G014xyE
43
10.0
6.3
2000
15 000
2381 585 x140y
VDRH14M014xyE
43
20.0
16.0
3000
30 000
2381 586 x140y
VDRH20R014ByE
17
60
1.0
1.1
250
1050
2381 582 x170y
VDRH05B017xyE
53
2.5
2.1
500
2000
2381 583 x170y
VDRH07D017xyE
22
27
53
5.0
3.9
1000
4000
2381 584 x170y
VDRH10G017xyE
53
10.0
7.8
2000
10 000
2381 585 x170y
VDRH14M017xyE
53
20.0
19.0
3000
20 000
2381 586 x170y
VDRH20R017ByE
20
73
1.0
1.3
250
900
2381 582 x200y
VDRH05B020xyE
65
2.5
2.8
500
1500
2381 583 x200y
VDRH07D020xyE
26
33
65
5.0
4.8
1000
3000
2381 584 x200y
VDRH10G020xyE
65
10.0
9.5
2000
7500
2381 585 x200y
VDRH14M020xyE
65
20.0
24.0
3000
15 000
2381 586 x200y
VDRH20R020ByE
25
86
1.0
1.5
250
500
2381 582 x250y
VDRH05B025xyE
77
2.5
3.0
500
1350
2381 583 x250y
VDRH07D025xyE
31
39
77
5.0
5.6
1000
2600
2381 584 x250y
VDRH10G025xyE
77
10.0
11.0
2000
6500
2381 585 x250y
VDRH14M025xyE
77
20.0
28.0
3000
13 000
2381 586 x250y
VDRH20R025ByE
30
104
1.0
1.8
250
700
2381 582 x300y
VDRH05B030xyE
93
2.5
3.8
500
1600
2381 583 x300y
VDRH07D030xyE
38
47
93
5.0
6.8
1000
2700
2381 584 x300y
VDRH10G030xyE
93
10.0
14.0
2000
6000
2381 585 x300y
VDRH14M030xyE
93
20.0
34.0
3000
12 000
2381 586 x300y
VDRH20R030ByE
35
123
1.0
2.2
250
560
2381 582 x350y
VDRH05B035xyE
110
2.5
4.4
500
1300
2381 583 x350y
VDRH07D035xyE
45
56
110
5.0
8.1
1000
2200
2381 584 x350y
VDRH10G035xyE
110
10.0
16.0
2000
4800
2381 585 x350y
VDRH14M035xyE
110
20.0
41.0
3000
9600
2381 586 x350y
VDRH20R035ByE
40
150
1.0
2.6
250
460
2381 582 x400y
VDRH05B040xyE
135
2.5
5.4
500
1000
2381 583 x400y
VDRH07D040xyE
56
68
135
5.0
9.8
1000
1800
2381 584 x400y
VDRH10G040xyE
135
10.0
20.0
2000
3800
2381 585 x400y
VDRH14M040xyE
135
20.0
49.0
3000
7600
2381 586 x400y
VDRH20R040ByE
50
65
82
145
5.0
3.5
800
370
2381 582 x500y
VDRH05E050xyE
135
10.0
7.0
1750
900
2381 583 x500y
VDRH07K050xyE
135
25.0
14.0
3500
1500
2381 584 x500y
VDRH10S050xyE
135
50.0
28.0
6000
3100
2381 585 x500y
VDRH14V050xyE
60
175
5.0
4.5
800
290
2381 582 x600y
VDRH05E060xyE
165
10.0
9.0
1750
700
2381 583 x600y
VDRH07K060xyE
85
100
165
25.0
18.0
3500
1200
2381 584 x600y
VDRH10S060xyE
165
50.0
36.0
6000
2300
2381 585 x600y
VDRH14V060xyE
165
100.0
72.0
10 000
4600
2381 586 x600y
VDRH20X060ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µS)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)


Similar Part No. - 2381584X600Y

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
238156001 GENERAL-238156001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
2381592X131Y VISHAY-2381592X131Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
2381592X141Y VISHAY-2381592X141Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
More results

Similar Description - 2381584X600Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com