Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKCS220 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKCS220
Description  Schottky Rectifier, 220 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKCS220 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKCS220 Datasheet HTML 1Page - Vishay Siliconix VSKCS220 Datasheet HTML 2Page - Vishay Siliconix VSKCS220 Datasheet HTML 3Page - Vishay Siliconix VSKCS220 Datasheet HTML 4Page - Vishay Siliconix VSKCS220 Datasheet HTML 5Page - Vishay Siliconix VSKCS220 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94433
2
Revision: 23-Apr-08
VSKCS220/030P
Vishay High Power Products Schottky Rectifier, 220 A
Note
(1) Pulse width < 500 µs
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per module
IF(AV)
50 % duty cycle at TC = 95 °C, rectangular waveform
220
A
per leg
110
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
18 000
10 ms sine or 6 ms rect. pulse
2000
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 15 Amps, L = 1 mH
99
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
22
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
110 A
TJ = 25 °C
0.54
V
220 A
0.72
110 A
TJ = 125 °C
0.49
220 A
0.74
Maximum reverse leakage curent
IRM (1)
TJ = 25 °C
VR = Rated VR
10
mA
TJ = 125 °C
650
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
7400
pF
Typical series inductance
LS
From top of terminal hole to mounting plane
7.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted (1 s)
3500
V
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
0.6
°C/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
0.1
Approximate weight
110
g
4oz.
Mounting torque ± 10 %
to heatsink
5
Nm
busbar
4
Case style
JEDEC
TO-240AA


Similar Part No. - VSKCS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS220-030 VISHAY-VSKCS220-030 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
More results

Similar Description - VSKCS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
220CNQ030PBF VISHAY-220CNQ030PBF Datasheet
117Kb / 6P
   Schottky Rectifier, 220 A
Revision: 28-Apr-08
VSKDS440 VISHAY-VSKDS440 Datasheet
158Kb / 6P
   Schottky Rectifier, 220 A
Revision: 25-Apr-08
VS-220CNQ030PBF VISHAY-VS-220CNQ030PBF_V01 Datasheet
150Kb / 6P
   High Performance Schottky Rectifier, 220 A
01-Jan-2022
VS-VSKDS440 VISHAY-VS-VSKDS440 Datasheet
145Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
Revision: 19-Mar-14
VSKDS440 VISHAY-VSKDS440_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 05-Aug-09
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
926Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
Revision: 28-Sep-15
logo
Vicor Corporation
02838 VICOR-02838 Datasheet
15Kb / 1P
   TO-220 DUAL SCHOTTKY 35V RECTIFIER
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_V01 Datasheet
185Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
01-Jan-2022
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
Revision: 03-May-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com