Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603F080 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603F080
Description  Slow Blow Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603F080 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603F080 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603F080 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603F080 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603F080 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single blow fuse for overcurrent
protection
1608 (EIA 0603) miniature footprint
Slow blow fuse
UL certified
RoHS compliant* and
halogen free
Thin film chip fuse
Surface mount packaging for automated
assembly
Electrical Characteristics
SF-0603S Series - Slow Blow Surface Mount Fuses
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
*Resistance value was measured with less than 10 % of rated current.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity..................................... No fusing....................................................Rated current, 4 hours
Fusing Time .............................................. Within 1 minute ..........................................200 % of its rated current
Interrupting Ability .................................... No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test............................................. No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................ ±20 % ........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability.............................................. 95 % coverage minimum...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise ..................................... <75 ° ..........................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat............................. ±20 % ........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent............................... No evident damage on protective .............23 °C ±5 °C of isopropyl alcohol, 90 seconds coating
and marking
Residual Resistance ................................. 10k W or more ...........................................Measure DC resistance after fusing
Thermal Shock ......................................... DR < 10 % .................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
SF - 0603 S 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1608 (EIA 0603) size
Fuse Blow Type
F = Fast acting
S = Slow blow
Rated Current
050-500 (500 mA - 5.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
RATING CURRENT (A)
F = 0.50
I = 0.63
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
Y = 5.00
Model
Rated Current
(Amps)
Fusing Time
Resistance
(m
Ω) Typ.*
Rated Voltage
Breaking Capacity
Typical
I2t (A2s)
SF-0603S050
0.50
Open within 5 sec.
at 250 % rated
current
175
DC 50 V
DC 50 V
50 A
0.009
SF-0603S063
0.63
130
DC 32 V
DC 32 V
50 A
0.017
SF-0603S080
0.80
93
0.024
SF-0603S100
1.00
65
0.026
SF-0603S125
1.25
47
0.057
SF-0603S150
1.50
36
0.081
SF-0603S160
1.60
34
0.086
SF-0603S200
2.00
26
0.115
SF-0603S250
2.50
20
0.200
SF-0603S300
3.00
16
0.210
SF-0603S315
3.15
15
0.279
SF-0603S400
4.00
12
0.326
SF-0603S500
5.00
9
0.622
SinglFuseSF-0603S Series Features


Similar Part No. - SF-0603F080

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F080 BOURNS-SF-0603F080 Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F080 BOURNS-SF-0603F080 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F080 BOURNS-SF-0603F080 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F080 BOURNS-SF-0603F080 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F080 BOURNS-SF-0603F080 Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
More results

Similar Description - SF-0603F080

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
SF0603S BOURNS-SF0603S Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206SXXXM BOURNS-SF-1206SXXXM Datasheet
436Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F0603SB1000V032T ETC2-F0603SB1000V032T Datasheet
109Kb / 4P
   0603 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0402SXXXM BOURNS-SF-0402SXXXM Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F1206SB1000V063T ETC2-F1206SB1000V063T Datasheet
112Kb / 4P
   1206 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603SXXXM BOURNS-SF-0603SXXXM Datasheet
552Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com