Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA56A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P4SMA56A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4SMA56A Datasheet(HTML) 2 Page - Vishay Siliconix

  P4SMA56A Datasheet HTML 1Page - Vishay Siliconix P4SMA56A Datasheet HTML 2Page - Vishay Siliconix P4SMA56A Datasheet HTML 3Page - Vishay Siliconix P4SMA56A Datasheet HTML 4Page - Vishay Siliconix P4SMA56A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P4SMA Series
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88367
Revision: 21-Oct-08
2
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bi-directional types with VR 10 V and less, the ID limit is doubled
(5) VF = 3.5 V at IF = 25 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
OF VBR
(%/°C)
UNI
BI
MIN.
MAX.
P4SMA6.8A
6V8A
6V8C
6.45
7.14
10
5.80
1000
38.1
10.5
0.057
P4SMA7.5A
7V5A
7V5C
7.13
7.88
10
6.40
500
35.4
11.3
0.061
P4SMA8.2A
8V2A
8V2C
7.79
8.61
10
7.02
200
33.1
12.1
0.065
P4SMA9.1A
9V1A
9V1C
8.65
9.55
1.0
7.78
50.0
29.9
13.4
0.068
P4SMA10A
10A
10C
9.5
10.5
1.0
8.55
10.0
27.6
14.5
0.073
P4SMA11A
11A
11C
10.5
11.6
1.0
9.40
5.0
25.6
15.6
0.075
P4SMA12A
12A
12C
11.4
12.6
1.0
10.2
1.0
24.0
16.7
0.078
P4SMA13A
13A
13C
12.4
13.7
1.0
11.1
1.0
22.0
18.2
0.081
P4SMA15A
15A
15C
14.3
15.8
1.0
12.8
1.0
18.9
21.2
0.084
P4SMA16A
16A
16C
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
P4SMA18A
18A
18C
17.1
18.9
1.0
15.3
1.0
15.9
25.2
0.089
P4SMA20A
20A
20C
19.0
21.0
1.0
17.1
1.0
14.4
27.7
0.090
P4SMA22A
22A
22C
20.9
23.1
1.0
18.8
1.0
13.1
30.6
0.092
P4SMA24A
24A
24C
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.090
P4SMA27A
27A
27C
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
P4SMA30A
30A
30C
28.5
31.5
1.0
25.6
1.0
9.7
41.4
0.097
P4SMA33A
33A
33C
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
P4SMA36A
36A
36C
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
P4SMA39A
39A
39C
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
P4SMA43A
43A
43C
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
P4SMA47A
47A
47C
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101
P4SMA51A
51A
51C
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
P4SMA56A
56A
56C
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
P4SMA62A
62A
62C
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
P4SMA68A
68A
68C
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
P4SMA75A
75A
75C
71.3
78.8
1.0
64.1
1.0
3.9
104
0.105
P4SMA82A
82A
82C
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
P4SMA91A
91A
91C
86.5
95.5
1.0
77.8
1.0
3.2
125
0.106
P4SMA100A
100A
100C
95.0
105
1.0
85.5
1.0
2.2
137
0.106
P4SMA110A
110A
110C
105
116
1.0
94.0
1.0
2.0
152
0.107
P4SMA120A
120A
120C
114
126
1.0
102
1.0
1.8
165
0.107
P4SMA130A
130A
130C
124
137
1.0
111
1.0
1.7
179
0.107
P4SMA150A
150A
150C
143
158
1.0
128
1.0
1.4
207
0.106
P4SMA160A
160A
160C
152
168
1.0
136
1.0
1.4
219
0.108
P4SMA170A
170A
170C
162
179
1.0
145
1.0
1.3
234
0.108
P4SMA180A
180A
180C
171
189
1.0
154
1.0
1.2
246
0.108
P4SMA200A
200A
200C
190
210
1.0
171
1.0
1.1
274
0.108
P4SMA220A
220A
220C
209
231
1.0
185
1.0
0.90
328
0.108
P4SMA250A
250A
-
237
263
1.0
214
1.0
0.87
344
0.110
P4SMA300A
300A
-
285
315
1.0
256
1.0
0.73
414
0.110
P4SMA350A
350A
-
333
368
1.0
300
1.0
0.62
482
0.110
P4SMA400A
400A
-
380
420
1.0
342
1.0
0.55
548
0.110
P4SMA440A
440A
-
418
462
1.0
376
1.0
0.50
602
0.110
P4SMA480A
480A
-
456
504
1.0
408
1.0
0.46
658
0.110
P4SMA510A
510A
-
485
535
1.0
434
1.0
0.43
698
0.110
P4SMA540A
540A
-
513
567
1.0
459
1.0
0.41
740
0.110


Similar Part No. - P4SMA56A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA56A GOOD-ARK-P4SMA56A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
P4SMA56A SEMITECH-P4SMA56A Datasheet
493Kb / 5P
   Low profile package
logo
UN Semiconducctor INC
P4SMA56A UNSEMI-P4SMA56A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
P4SMA56A LITTELFUSE-P4SMA56A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Cystech Electonics Corp...
P4SMA56A CYSTEKEC-P4SMA56A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - P4SMA56A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com