Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2381585X170Y Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 2381585X170Y
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2381585X170Y Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 2381585X170Y Datasheet HTML 6Page - Vishay Siliconix 2381585X170Y Datasheet HTML 7Page - Vishay Siliconix 2381585X170Y Datasheet HTML 8Page - Vishay Siliconix 2381585X170Y Datasheet HTML 9Page - Vishay Siliconix 2381585X170Y Datasheet HTML 10Page - Vishay Siliconix 2381585X170Y Datasheet HTML 11Page - Vishay Siliconix 2381585X170Y Datasheet HTML 12Page - Vishay Siliconix 2381585X170Y Datasheet HTML 13Page - Vishay Siliconix 2381585X170Y Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Document Number: 29082
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 09-Oct-08
43
2381 58. ...../VDRH.......E
High Surge Suppression Varistors
Vishay BCcomponents
DIMENSIONS OF REELS in millimeters
L
P0
P1
D0
W0
W2
W1
W
T1
t
H0
P
p
p
T
A0
1 min.
h
h
F
d
D
TAPED VERSION WITH KINKED LEADS
(only for 2381 582 ...../VDRH10.....E and
2381 583 ...../VDRH07.....E)
P0
P1
D0
W0
W2
W1
W
F
H0
T
h
h
D
P
p
p
d
A0
T1
t
1 min.
TAPED VERSION WITH KINKED LEADS
(only for 2381 584 ...../VDRH10.....E and
2381 585 ...../VDRH14.....E)
±
+
-
356
max.
56 max.
+
-
±
356
max.
60 max.
For 2381 582 ...../VDRH05.....E
and 2381 583 ...../VDRH07.....E
For 2381 584 ...../VDRH10.....E
and 2381 585 ...../VDRH14.....E


Similar Part No. - 2381585X170Y

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
238156001 GENERAL-238156001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
2381592X131Y VISHAY-2381592X131Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
2381592X141Y VISHAY-2381592X141Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
More results

Similar Description - 2381585X170Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com