Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ110 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SMCJ110
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ110 Datasheet(HTML) 5 Page - Vishay Siliconix

  SMCJ110 Datasheet HTML 1Page - Vishay Siliconix SMCJ110 Datasheet HTML 2Page - Vishay Siliconix SMCJ110 Datasheet HTML 3Page - Vishay Siliconix SMCJ110 Datasheet HTML 4Page - Vishay Siliconix SMCJ110 Datasheet HTML 5Page - Vishay Siliconix SMCJ110 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMCJ5.0 thru SMCJ188CA
Vishay General Semiconductor
Document Number: 88394
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
10
1
100
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Use Only
1
10
100
10
100
200
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.260 (6.60)
0.280 (7.11)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.2)
0.305 (7.75)
0.320 (8.13)
0.220 (5.59)
0.246 (6.22)
0.079 (2.06)
0.103 (2.62)
0.114 (2.90)
0.126 (3.20)
Cathode Band
DO-214AB (SMC J-Bend)
0.320 REF.
0.060 (1.52)
MIN.
Mounting Pad Layout
0 (0)
0.126 (3.20)
MIN.
0.185 (4.69)
MAX.


Similar Part No. - SMCJ110

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ110 DCCOM-SMCJ110 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
SMCJ110 SEMITECH-SMCJ110 Datasheet
245Kb / 6P
   Low profile package
logo
Yangzhou yangjie electr...
SMCJ110 YANGJIE-SMCJ110 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ110 FORMOSA-SMCJ110 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
General Semiconductor
SMCJ110 GE-SMCJ110 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com