Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA12S0802473FRB8E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA12S0802473FRB8E3
Description  Thick Film Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA12S0802473FRB8E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA12S0802473FRB8E3 Datasheet HTML 1Page - Vishay Siliconix CRA12S0802473FRB8E3 Datasheet HTML 2Page - Vishay Siliconix CRA12S0802473FRB8E3 Datasheet HTML 3Page - Vishay Siliconix CRA12S0802473FRB8E3 Datasheet HTML 4Page - Vishay Siliconix CRA12S0802473FRB8E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Resistor Array
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 31003
260
Revision: 13-Oct-08
CRA12E, CRA12S
Vishay
FEATURES
Convex terminal array available with either
scalloped corners (E version) or square corners
(S version)
• Wide ohmic range: 10R to 1M0
• 4, 8, 10 or 16 terminal package with isolated resistors
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
Notes
(1) Rated voltage:
(2) The power dissiaption on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if permitted film temperature of 155 °C is not exceeded.
Notes
(3) Preferred way for ordering products is by use of the PART NUMBER
(4) Please refer to table PACKAGING, see next page
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CIRCUIT
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
CRA12E
CRA12S
01; 02; 20
0.100
50
± 100
± 1
10R - 1M0
24 + 96
03
0.125
± 200
± 2; ± 5
24
Zero-Ohm-Resistor:
Rmax. = 50 mΩ, Imax. = 1.5 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRA12E & S - 01/02/20 CIRCUIT
CRA12E & S - 03 CIRCUIT
Rated Dissipation at 70 °C (2)
W per element
0.1
0.125
Limiting Element Voltage (1)
V
50
Insulation Voltage (1 min)
Vdc/ac peak
100
Category Temperature Range
°C
- 55 to + 155
Insulation Resistance
Ω
> 109
PR
×
MODEL
TERMINAL STYLE
PIN
VALUE
TOLERANCE
SPECIAL
CRA12
S
E
04
08
10
16
R = Decimal
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
Up to 2 digits
K = Thousand
M = Million
0000 = 0
Ω Jumper
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRA12E08347K0JTR (3)
C
R
A
1
2E
08
3
4
7
K
0
J
T
R
PRODUCT DESCRIPTION: CRA12S 08 03 473 J RB8 e3
CRA12S
08
03
473
J
MODEL
TERMINAL COUNT
CIRCUIT TYPE
TOLERANCE
CRA12E
CRA12S
04
08
10
16
01
02
03
20
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
Ω Jumper
RB8
RD7
PACKAGING (4)
TR
TL
CIRCUIT
1 = 01
2 = 02
3 = 03
8 = 20
RESISTANCE VALUE
473 = 47 k
Ω
4702 = 47 k
Ω
10R0 = 10
Ω
100 = 10
Ω
000 = 0
Ω Jumper
First two digits (three
for 1 %) are significant.
Last digit is the
multiplier
RB8
LEAD (Pb)-FREE
e3 = Pure tin
Termination fnish
e3
PACKAGING (4)


Similar Part No. - CRA12S0802473FRB8E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA12S081KFTL VISHAY-CRA12S081KFTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S081KFTR VISHAY-CRA12S081KFTR Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S081KGTL VISHAY-CRA12S081KGTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S081KGTR VISHAY-CRA12S081KGTR Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S081KJTL VISHAY-CRA12S081KJTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
More results

Similar Description - CRA12S0802473FRB8E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com