Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM90N08-7M6P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUM90N08-7M6P
Description  SUM90N08-7m6P
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM90N08-7M6P Datasheet(HTML) 5 Page - Vishay Siliconix

  SUM90N08-7M6P Datasheet HTML 1Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 2Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 3Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 4Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 5Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Vishay Siliconix
SUM90N08-7m6P
Document Number: 69578
S-80799-Rev. B, 14-Apr-08
www.vishay.com
5
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?69578.
Single Pulse Avalanche Current Capability vs. Time
tin (s)
100
10
0.000001
0.00001
0.0001
0.001
0.01
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which rDS(on) is specified
0.01
0.1
1
10
100
1000
0.1
1
10
100
10 ms, 100 ms
1 s, 10 s, DC
1ms
TA = 25 °C
Single Pulse
100 µs
BVDSS
Limited byRDS(on)*
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
1
10-1
10-4
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
0.02
0.05


Similar Part No. - SUM90N08-7M6P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90N08-4M8P VISHAY-SUM90N08-4M8P Datasheet
107Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SUM90N08-4M8P-E3 VISHAY-SUM90N08-4M8P-E3 Datasheet
107Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUM90N08-6M2P-E3 VISHAY-SUM90N08-6M2P-E3 Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com