Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG1C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG1C
Description  Miniature Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG1C Datasheet(HTML) 3 Page - Vishay Siliconix

  UG1C Datasheet HTML 1Page - Vishay Siliconix UG1C Datasheet HTML 2Page - Vishay Siliconix UG1C Datasheet HTML 3Page - Vishay Siliconix UG1C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UG1A thru UG1D
Vishay General Semiconductor
Document Number: 88760
Revision: 20-Aug-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Instantaneous Forward Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
T
J = 100 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C
Figure 5. Reverse Switching Charateristics
Figure 6. Typical Junction Capacitance
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
t
rr
Q
rr
dI/dt = 20 A/µs
dI/dt = 150 A/µs
dI/dt = 100 A/µs
dI/dt = 50 A/µs
I
F = 1.0 A
V
R = 30 V
Junction Temperature (°C)
dI/dt = 150 A/µs
dI/dt = 100 A/µs
dI/dt = 20 A/µs
dI/dt = 50 A/µs
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
DO-204AL (DO-41)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.


Similar Part No. - UG1C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG1C GE-UG1C Datasheet
44Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Gulf Semiconductor
UG1C GULFSEMI-UG1C Datasheet
84Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?1.0A
logo
Vishay Siliconix
UG1C VISHAY-UG1C Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
logo
Shenzhen Taychipst Elec...
UG1C TAYCHIPST-UG1C Datasheet
2Mb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
SUNMATE electronic Co.,...
UG1C SUNMATE-UG1C Datasheet
328Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
More results

Similar Description - UG1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
   Miniature Ultrafast Plastic Rectifier
01-Jan-2022
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG4A VISHAY-UG4A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG06A VISHAY-UG06A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG2A VISHAY-UG2A_09 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com