Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFL120FA60P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # UFL120FA60P
Description  Insulated Ultrafast Rectifier Module, 120 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFL120FA60P Datasheet(HTML) 6 Page - Vishay Siliconix

  UFL120FA60P Datasheet HTML 1Page - Vishay Siliconix UFL120FA60P Datasheet HTML 2Page - Vishay Siliconix UFL120FA60P Datasheet HTML 3Page - Vishay Siliconix UFL120FA60P Datasheet HTML 4Page - Vishay Siliconix UFL120FA60P Datasheet HTML 5Page - Vishay Siliconix UFL120FA60P Datasheet HTML 6Page - Vishay Siliconix UFL120FA60P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94568
6
Revision: 05-May-08
UFL120FA60P
Vishay High Power Products
Insulated Ultrafast
Rectifier Module, 120 A
Fig. 11 - Reverse Recovery Waveform and Definitions
ORDERING INFORMATION TABLE
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr
1
-
Ultrafast rectifier
2
-
Ultrafast Pt low VF
3
-
Current rating (120 = 120 A)
4
-
Circuit configuration (2 separate diodes, parallel pin-out)
5
-
Package indicator (SOT-227 standard isolated base)
6
-
Voltage rating (60 = 600 V)
7
-
P = Lead (Pb)-free
Device code
5
13
24
67
UF
L
120
F
A
60
P
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95036
Packaging information
http://www.vishay.com/doc?95037


Similar Part No. - UFL120FA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFL120FA60P VISHAY-UFL120FA60P Datasheet
134Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 22-Jul-10
UFL120FA60P VISHAY-UFL120FA60P_10 Datasheet
134Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 22-Jul-10
More results

Similar Description - UFL120FA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFB120FA20P VISHAY-VS-UFB120FA20P Datasheet
142Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB120FA60P VISHAY-UFB120FA60P Datasheet
150Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 05-May-08
UFB120FA20P VISHAY-UFB120FA20P_10 Datasheet
147Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB120FA20P VISHAY-UFB120FA20P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 07-May-08
UFB120FA40P VISHAY-UFB120FA40P_V01 Datasheet
115Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
UFB120FA60P VISHAY-UFB120FA60P_V01 Datasheet
141Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
UFB120FA40P VISHAY-UFB120FA40P_10 Datasheet
136Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB120FA40P VISHAY-UFB120FA40P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 25-Apr-08
UFL120FA60P VISHAY-UFL120FA60P_10 Datasheet
134Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 22-Jul-10
UFB120FA20P VISHAY-UFB120FA20P_V01 Datasheet
131Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com