Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFB200FA20 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UFB200FA20
Description  Insulated Ultrafast Rectifier Module, 240 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB200FA20 Datasheet(HTML) 1 Page - Vishay Siliconix

  UFB200FA20 Datasheet HTML 1Page - Vishay Siliconix UFB200FA20 Datasheet HTML 2Page - Vishay Siliconix UFB200FA20 Datasheet HTML 3Page - Vishay Siliconix UFB200FA20 Datasheet HTML 4Page - Vishay Siliconix UFB200FA20 Datasheet HTML 5Page - Vishay Siliconix UFB200FA20 Datasheet HTML 6Page - Vishay Siliconix UFB200FA20 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94087
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Apr-08
1
Insulated Ultrafast
Rectifier Module, 240 A
UFB200FA20P
Vishay High Power Products
FEATURES
• Two fully independent diodes
• Ceramic fully insulated package
(VISOL = 2500 VAC)
• Ultrafast reverse recovery
• Ultrasoft reverse recovery current shape
• Low forward voltage
• Optimized for power conversion: welding and industrial
SMPS applications
• Industry standard outline
• Plug-in compatible with other SOT-227 packages
• Easy to assemble
• Direct mounting to heatsink
• Lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
The UFB200FA20P insulated modules integrate two state of
the art ultrafast recovery rectifiers in the compact, industry
standard SOT-227 package. The planar structure of the
diodes, and the platinum doping life time control, provide a
ultrasoft
recovery
current
shape,
together
with
the
best
overall
performance,
ruggedness
and
reliability
characteristics.
These devices are thus intended for high frequency
applications in which the switching energy is designed not to
be predominant portion of the total energy, such as in the
output rectification stage of welding machines, SMPS,
dc-to-dc converters. Their extremely optimized stored
charge and low recovery current reduce both over dissipa-
tion in the switching elements (and snubbers) and EMI/RFI.
PRODUCT SUMMARY
VR
200 V
IF(AV) at TC = 90 °C
240 A
trr
45 ns
SOT-227
1
4
2
3
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
200
V
Continuous forward current per diode
IF
TC = 90 °C
120
A
Single pulse forward current per diode
IFSM
TC = 25 °C
1700
Maximum power dissipation per module
PD
TC = 90 °C
240
W
RMS isolation voltage
VISOL
Any terminal to case, t = 1 minute
2500
V
Operating junction and storage temperatures
TJ, TStg
- 55 to 150
°C


Similar Part No. - UFB200FA20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
UFB200FA20 IRF-UFB200FA20 Datasheet
213Kb / 6P
   Insulated Ultrafast Rectifier Module
logo
Vishay Siliconix
UFB200FA20 VISHAY-UFB200FA20 Datasheet
137Kb / 8P
   Insulated Ultrafast Rectifier Module, 240 A
Revision: 21-Jul-10
UFB200FA20P VISHAY-UFB200FA20P Datasheet
137Kb / 8P
   Insulated Ultrafast Rectifier Module, 240 A
Revision: 21-Jul-10
UFB200FA20P VISHAY-UFB200FA20P Datasheet
136Kb / 8P
   Insulated Ultrafast Rectifier Module, 240 A
02-Oct-12
UFB200FA20P VISHAY-UFB200FA20P_10 Datasheet
137Kb / 8P
   Insulated Ultrafast Rectifier Module, 240 A
Revision: 21-Jul-10
More results

Similar Description - UFB200FA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB200FA20P VISHAY-UFB200FA20P_10 Datasheet
137Kb / 8P
   Insulated Ultrafast Rectifier Module, 240 A
Revision: 21-Jul-10
UFB200FA20P VISHAY-UFB200FA20P_V01 Datasheet
136Kb / 8P
   Insulated Ultrafast Rectifier Module, 240 A
02-Oct-12
VS-UFB120FA20P VISHAY-VS-UFB120FA20P Datasheet
142Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 07-May-08
UFL200FA60P VISHAY-UFL200FA60P Datasheet
156Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 21-Jul-10
UFB200FA40P VISHAY-UFB200FA40P_V01 Datasheet
139Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
VS-UFB130FA60 VISHAY-VS-UFB130FA60_V02 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2023
VS-UFB170FA60 VISHAY-VS-UFB170FA60_V02 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 170 A
01-Jan-2023
VS-UFB250FA60 VISHAY-VS-UFB250FA60_V02 Datasheet
154Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2023
VS-UFB280FA20 VISHAY-VS-UFB280FA20_V02 Datasheet
158Kb / 8P
   Insulated Ultrafast Rectifier Module, 280 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com