Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T7V5A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SM6T7V5A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6T7V5A Datasheet(HTML) 2 Page - Vishay Siliconix

  SM6T7V5A Datasheet HTML 1Page - Vishay Siliconix SM6T7V5A Datasheet HTML 2Page - Vishay Siliconix SM6T7V5A Datasheet HTML 3Page - Vishay Siliconix SM6T7V5A Datasheet HTML 4Page - Vishay Siliconix SM6T7V5A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM6T Series
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88385
Revision: 21-Oct-08
2
Notes:
(1) For bi-directional devices add suffix “CA”
(2) VBR measured after IT applied for 300 µs square wave pulse
(3) For bipolar devices with VR = 10 V or under, the IT limit is doubled
Note:
(1) Mounted on minimum recommended pad layout
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
TYPE (1)
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(2)
(V)
TEST
CURRENT
(mA)
STAND-OFF
VOLTAGE
VRM
(V)
LEAKAGE
CURRENT (3)
IRM AT VRM
(µA)
CLAMPING
VOLTAGE
VC AT IPP
10/1000 µs
CLAMPING
VOLTAGE
VC AT IPP
8/20 µs
α
T
Max.
0-4/°C
UNI
BI
MIN.
MAX.
(V)
(A)
(V)
(A)
SM6T6V8A
KE7
KE7
6.45
7.14
10
5.80
1000
10.5
57.0
13.4
298
5.7
SM6T7V5A
KK7
AK7
7.13
7.88
10
6.40
500
11.3
53.0
14.5
276
6.1
SM6T10A
KT7
AT7
9.50
10.5
1.0
8.55
10.0
14.5
41.0
18.6
215
7.3
SM6T12A
KX7
AX7
11.4
12.6
1.0
10.2
5.0
16.7
36.0
21.7
184
7.8
SM6T15A
LG7
LG7
14.3
15.8
1.0
12.8
1.0
21.2
28.0
27.2
147
8.4
SM6T18A
LM7
BM7
17.1
18.9
1.0
15.3
1.0
25.2
24.0
32.5
123
8.8
SM6T22A
LT7
BT7
20.9
23.1
1.0
18.8
1.0
30.6
20.0
39.3
102
9.2
SM6T24A
LV7
LV7
22.8
25.2
1.0
20.5
1.0
33.2
18.0
42.8
93
9.4
SM6T27A
LX7
BX7
25.7
28.4
1.0
23.1
1.0
37.5
16.0
48.3
83
9.6
SM6T30A
ME7
CE7
28.5
31.5
1.0
25.6
1.0
41.5
14.5
53.5
75
9.7
SM6T33A
MG7
MG7
31.4
34.7
1.0
28.2
1.0
45.7
13.1
59.0
68
9.8
SM6T36A
MK7
CK7
34.2
37.8
1.0
30.8
1.0
49.9
12.0
64.3
62
9.9
SM6T39A
MM7
CM7
37.1
41.0
1.0
33.3
1.0
53.9
11.1
69.7
57
10.0
SM6T68A
NG7
NG7
64.6
71.4
1.0
58.1
1.0
92.0
6.50
121
33
10.4
SM6T100A
NV7
NV7
95.0
105
1.0
85.5
1.0
137
4.40
178
22.5
10.6
SM6T150A
PK7
PK7
143
158
1.0
128
1.0
207
2.90
265
15
10.8
SM6T200A
PR7
PR7
190
210
1.0
171
1.0
274
2.20
353
11.3
10.8
SM6T220A
PR8
PR8
209
231
1.0
188
1.0
328
2.00
388
10.3
10.8
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Thermal resistance, junction to ambient air (1)
RθJA
100
°C/W
Thermal resistance, junction to leads
RθJL
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM6T10A-E3/52
0.096
52
750
7" diameter plastic tape and reel
SM6T10A-E3/5B
0.096
5B
3200
13" diameter plastic tape and reel
SM6T10AHE3/52 (1)
0.096
52
750
7" diameter plastic tape and reel
SM6T10AHE3/5B (1)
0.096
5B
3200
13" diameter plastic tape and reel


Similar Part No. - SM6T7V5A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T7V5A STMICROELECTRONICS-SM6T7V5A Datasheet
186Kb / 5P
   TRANSILTM
logo
Shenzhen Luguang Electr...
SM6T7V5A LUGUANG-SM6T7V5A Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
General Semiconductor
SM6T7V5A GE-SM6T7V5A Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T7V5A VISHAY-SM6T7V5A Datasheet
36Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
MDE Semiconductor, Inc.
SM6T7V5A MDE-SM6T7V5A Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM6T7V5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com