Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLCC20A-10MBT0005 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SLCC20A-10MBT0005
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SLCC20A-10MBT0005 Datasheet(HTML) 1 Page - Vishay Siliconix

  SLCC20A-10MBT0005 Datasheet HTML 1Page - Vishay Siliconix SLCC20A-10MBT0005 Datasheet HTML 2Page - Vishay Siliconix SLCC20A-10MBT0005 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLCC
Vishay Sfernice
Document Number: 60014
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Jun-08
97
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Capable of meeting the characteristics of MIL-PRF-83401
these networks are available in a wide range of resistance
values: several standard configurations are presented with
the SLCC series.
FEATURES
• High stability ultrafilm (0.05 % at 1000 h at
+ 70 °C under Pn)
• Low noise < 35 dB
• Hermetic package
TYPICAL PERFORMANCE
Resistance Range: Noted on schematics
SCHEMATIC
Actual Size
ABS
TRACKING
TCR
25 ppm/°C
2 ppm/°C
ABS
RATIO
TOL.
0.1 %
0.1 %
SLCC 20A
(10 Isolated Resistors)
10
Ω - 100 kΩ
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
SLCC 20 A01
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
1 k
Ω - 100 kΩ
SLCC 20B
(19 Resistors + 1 Common Point)
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
10
Ω - 100 kΩ
13 12 11 10 9
19 20 1
2 3
14
15
16
17
18
8
7
6
5
4
SLCC 20 A06
1 k
Ω - 100 kΩ
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
SLCC 20 A03
1 k
Ω - 100 kΩ
RoHS
COMPLIANT


Similar Part No. - SLCC20A-10MBT0005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC20A01KB VISHAY-SLCC20A01KB Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KD VISHAY-SLCC20A01KD Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KF VISHAY-SLCC20A01KF Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KG VISHAY-SLCC20A01KG Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC20A01KH VISHAY-SLCC20A01KH Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
More results

Similar Description - SLCC20A-10MBT0005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com