Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6701-X009 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH6701-X009
Description  High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6701-X009 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH6701-X009 Datasheet HTML 4Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 5Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 6Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 7Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 8Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 9Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 10Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 11Page - Vishay Siliconix SFH6701-X009 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83683
8
Rev. 1.5, 15-Apr-05
SFH6700/01/02/05/11/12/19
Vishay Semiconductors
High Speed Optocoupler,
5 MBd, 1 kV/µs dV/dt
Fig. 14 - Typical Propagation Delay to Logic Low vs.
Temperature (except SFH6705)
Fig. 15 - Typical Propagation Delays to Logic High vs.
Temperature (except SFH6705)
Fig. 16 - Typical Propagation Delay to Logic Low vs. Temperature
Fig. 17 - Typical Propagation Delays to Logic High vs. Temperature
Fig. 18 - Typical Propagation Delays to Logic Low vs.Temperature
Fig. 19 - Typical Propagation Delays to Logic High vs. Temperature
isfh6700_14
-60
-40
-20
0
20
40
60
80
100
60
80
100
120
140
160
180
VCC =5 V
C1 =15pF(without peaking capacitor)
IF =5mA
IF =3mA
IF = 1.6 mA
Tamb - Temperature (°C)
isfh6700_15
-60
-40
-20
0
20
40
60
80
100
50
60
70
80
90
100
VCC =5 V
C1 = 120 pF (without peaking capacitor)
IF =1.6,3and5mA
Tamb - Temperature (°C)
isfh6700_16
-60
-40
-20
0
20
40
60
80
100
50
70
90
110
130
150
170
VCC =5 V
C1 = 120 pF (without peaking capacitor)
IF =3mA
IF =5mA
IF = 1.6 mA
Tamb - Temperature (°C)
isfh6700_17
-60
-40
-20
0
20
40
60
80
100
50
60
70
80
90
VCC =15 V
C1 =15pF(without
peaking capacitor)
IF = 1.6 mA
IF =3mA
IF =5mA
Tamb - Temperature (°C)
isfh6700_18
-60
-40
-20
0
20
40
60
80
100
50
70
90
110
130
150
170
VCC =5 V
C1 =15pF(without
peaking capacitor)
IF =5mA
IF = 1.6 mA
IF =3mA
Tamb - Temperature (°C)
isfh6700_19
-60
-40
-20
0
20
40
60
80100
30
40
50
60
70
80
VCC =5 V
C1 = 120 pF (without peaking capacitor)
IF =1.6,3and5mA
Tamb - Temperature (°C)


Similar Part No. - SFH6701-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6701-X009 VISHAY-SFH6701-X009 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
More results

Similar Description - SFH6701-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062_08 Datasheet
117Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com