Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH640-2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH640-2
Description  Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640-2 Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH640-2 Datasheet HTML 1Page - Vishay Siliconix SFH640-2 Datasheet HTML 2Page - Vishay Siliconix SFH640-2 Datasheet HTML 3Page - Vishay Siliconix SFH640-2 Datasheet HTML 4Page - Vishay Siliconix SFH640-2 Datasheet HTML 5Page - Vishay Siliconix SFH640-2 Datasheet HTML 6Page - Vishay Siliconix SFH640-2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - SFH640-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH640-2 SIEMENS-SFH640-2 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH640-2 VISHAY-SFH640-2 Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
SFH640-2X007 VISHAY-SFH640-2X007 Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
More results

Similar Description - SFH640-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH640 VISHAY-SFH640_V01 Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
SFH640 VISHAY-SFH640_V02 Datasheet
204Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2023
H11D1 VISHAY-H11D1_V02 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2023
H11D3 VISHAY-H11D3_V01 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com