Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH640-1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH640-1
Description  Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640-1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH640-1 Datasheet HTML 1Page - Vishay Siliconix SFH640-1 Datasheet HTML 2Page - Vishay Siliconix SFH640-1 Datasheet HTML 3Page - Vishay Siliconix SFH640-1 Datasheet HTML 4Page - Vishay Siliconix SFH640-1 Datasheet HTML 5Page - Vishay Siliconix SFH640-1 Datasheet HTML 6Page - Vishay Siliconix SFH640-1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83682
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.3, 01-Dec-05
3
SFH640
Optocoupler, Phototransistor Output,
with Base Connection, 300 V BVCEO
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Switching Times Measurement Test Circuit and Waveform
Fig. 2 - Switching Times Measurement Test Circuit and Waveform
Fig. 3 - Current Transfer Ratio (Typ.)
Fig. 4 - Diode Forward Voltage (Ttyp.)
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 10 V
SFH640-1
IC/IF
40
80
%
IF = 1.0 mA, VCE = 10 V
SFH640-1
IC/IF
13
30
%
IF = 10 mA, VCE = 10 V
SFH640-2
IC/IF
63
125
%
IF = 1.0 mA, VCE = 10 V
SFH640-2
IC/IF
22
45
%
IF = 10 mA, VCE = 10 V
SFH640-3
IC/IF
100
200
%
IF = 1.0 mA, VCE = 10 V
SFH640-3
IC/IF
34
70
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IC = 2.0 mA, RL = 100 Ω, VCC = 10 V
ton
5.0
µs
Rise time
IC = 2.0 mA, RL = 100 Ω, VCC = 10 V
tr
2.5
µs
Turn-off time
IC = 2.0 mA, RL = 100 Ω, VCC = 10 V
toff
6.0
µs
Fall time
IC = 2.0 mA, RL = 100 Ω, VCC = 10 V
tf
5.5
µs
isfh640_01a
IF
RL
IC
VCC
47
Ω
isfh640_01b
10%
90%
Input Pulse
Output Pulse
tr
ton
tf
toff
100
80
10-4
10-3
10-2
10-1
isfh640_02
IF/A
VCE = 10 V1
normalized to
IF = 10 mA,
NCTR = f (IF)
60
50
30
10
0
1.2
V
10-1
55
5mA
100
101
102
isfh640_03
IF
1.1
1.0
0.9
I/F
VF = f (IF, TA)
25 ºC
50 ºC
75 ºC


Similar Part No. - SFH640-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH640-1 SIEMENS-SFH640-1 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
More results

Similar Description - SFH640-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH640 VISHAY-SFH640_V01 Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
SFH640 VISHAY-SFH640_V02 Datasheet
204Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2023
H11D1 VISHAY-H11D1_V02 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2023
H11D3 VISHAY-H11D3_V01 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com