Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD2500C20K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD2500C20K
Description  Standard Recovery Diodes (Hockey PUK Version), 3000 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD2500C20K Datasheet(HTML) 2 Page - Vishay Siliconix

  SD2500C20K Datasheet HTML 1Page - Vishay Siliconix SD2500C20K Datasheet HTML 2Page - Vishay Siliconix SD2500C20K Datasheet HTML 3Page - Vishay Siliconix SD2500C20K Datasheet HTML 4Page - Vishay Siliconix SD2500C20K Datasheet HTML 5Page - Vishay Siliconix SD2500C20K Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93542
2
Revision: 14-May-08
SD2500C..K Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
3000 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
3000 (1550)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
5000
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
31 000
t = 8.3 ms
32 460
t = 10 ms
100 % VRRM
reapplied
26 050
t = 8.3 ms
27 300
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
4810
kA2s
t = 8.3 ms
4390
t = 10 ms
100 % VRRM
reapplied
3400
t = 8.3 ms
3100
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
48 100
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.76
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.97
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.16
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.13
Maximum forward voltage drop
VFM
Ipk = 4000 A, TJ = TJ maximum
tp = 10 ms sinusoidal wave
1.41
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 180
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.042
K/W
DC operation double side cooled
0.020
Mounting force, ± 10 %
22 250 (2250)
N (kg)
Approximate weight
425
g
Case style
See dimensions - link at the end of datasheet
DO-200AC (K-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.002
0.002
0.001
0.001
TJ = TJ maximum
K/W
120°
0.002
0.002
0.002
0.002
90°
0.003
0.003
0.003
0.003
60°
0.004
0.004
0.004
0.004
30°
0.007
0.007
0.007
0.007


Similar Part No. - SD2500C20K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD2500C20K VISHAY-SD2500C20K Datasheet
136Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
More results

Similar Description - SD2500C20K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD2500C12K VISHAY-SD2500C12K_12 Datasheet
136Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
VS-SD2500CK VISHAY-VS-SD2500CK_V01 Datasheet
171Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 3000 A
01-Jan-2022
VS-SD2500CK VISHAY-VS-SD2500CK Datasheet
172Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 06-Mar-17
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com