Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62281P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62281P
Description  General Purpose Current Mode PWM Control IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62281P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62281P Datasheet HTML 2Page - Renesas Technology Corp M62281P Datasheet HTML 3Page - Renesas Technology Corp M62281P Datasheet HTML 4Page - Renesas Technology Corp M62281P Datasheet HTML 5Page - Renesas Technology Corp M62281P Datasheet HTML 6Page - Renesas Technology Corp M62281P Datasheet HTML 7Page - Renesas Technology Corp M62281P Datasheet HTML 8Page - Renesas Technology Corp M62281P Datasheet HTML 9Page - Renesas Technology Corp M62281P Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
M62281P/FP
REJ03D0840-0201 Rev.2.01 Nov 14, 2007
Page 6 of 12
In the case that feed forward system by photo-coupler is applied, following two methods are available.
One is the method by error amp. as in figure 3-1, the other is by the direct connection to photo-coupler as in figure
3-2.
When photo-coupler is directly connected to EA OUT terminal, input terminal of error amp. is connected to GND,
photo-coupler is connected directly to EA OUT terminal.
+
VCC
Reference voltage (2.5 V)
EA
OUT
EA IN
RIN
RF
R1
R2
Figure 3-1 Method to Use Photo-Coupler (1)
+
Reference voltage (2.5 V)
EA OUT
EA IN
Figure 3-2 Method to Use Photo-Coupler (2)
In figure 3-1, AC gain is represented as :
A
V
 =  RF / R
IN
Proper gain setting is about 40 dB.
RF should be 52 k
Ω or more due to the current source capability of error amp.
R1, R2 should meet the condition as below so that the voltage of EA IN terminal should not be over 5 V.
R2
• V
CC
/ (R1 + R2) ≤ 5 V
Due to the input impedance of EA IN terminal, the current in R1, R2 should be less than several mA.
CT (OVP) Terminal
Timer type latch circuit works as follows.
Constant charge current flows out from CT terminal to the external capacitor when CLM is operative.
When the voltage of CT terminal rises up to over 4.0 V (Typ.), the latch circuit operates to make functions of this IC
inoperative. Inoperative status is sustained until supply voltage becomes less than stop voltage. The value for start-up
register has to be set so that the current over 1.8 mA (Typ.) can flow the resistor because the stop status has to be kept
by the current in start-up resistor R1 shown in application circuit.
When timer latch circuit is operative, supply current increases at high voltage as shown in figure 4 to avoid the damage
caused by unnecessarily in creased supply voltage.
Inoperative status goes back to operation by forcibly decreasing the voltage of CT terminal to less then 0.7 V.


Similar Part No. - M62281P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62281P MITSUBISHI-M62281P Datasheet
77Kb / 9P
   GENERAL PURPOSE CURRENT MODE PWM CONTROL IC
More results

Similar Description - M62281P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62281P MITSUBISHI-M62281P Datasheet
77Kb / 9P
   GENERAL PURPOSE CURRENT MODE PWM CONTROL IC
logo
Renesas Technology Corp
M62213P RENESAS-M62213P Datasheet
149Kb / 11P
   General Purpose High Speed PWM Control IC
logo
Mitsubishi Electric Sem...
M62213P MITSUBISHI-M62213P Datasheet
68Kb / 9P
   GENERAL PURPOSE HIGH SPEED PWM CONTROL IC
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com