Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD803C12S15C Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD803C12S15C
Description  Fast Recovery Diodes (Hockey PUK Version), 845 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD803C12S15C Datasheet(HTML) 6 Page - Vishay Siliconix

  SD803C12S15C Datasheet HTML 1Page - Vishay Siliconix SD803C12S15C Datasheet HTML 2Page - Vishay Siliconix SD803C12S15C Datasheet HTML 3Page - Vishay Siliconix SD803C12S15C Datasheet HTML 4Page - Vishay Siliconix SD803C12S15C Datasheet HTML 5Page - Vishay Siliconix SD803C12S15C Datasheet HTML 6Page - Vishay Siliconix SD803C12S15C Datasheet HTML 7Page - Vishay Siliconix SD803C12S15C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93180
6
Revision: 04-Aug-08
SD803C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 845 A
Fig. 13 - Recovery Current Characteristics
Fig. 14 - Recovery Time Characteristics
Fig. 15 - Recovery Charge Characteristics
Fig. 16 - Recovery Current Characteristics
Fig. 17 - Maximum Total Energy Loss Per Pulse Characteristics
10
20
30
40
50
60
70
80
90
100
110
120
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Square Pulse
FM
500 A
250 A
SD803C..S10C Series
T = 125 °C; V = 30V
r
J
2
2.5
3
3.5
4
0
0
1
0
1
Ra te Of Fall Of Forward Current - d i/d t (A/ µs)
I
= 1000 A
Sq ua re Pulse
FM
500 A
250 A
SD803C..S15C Series
T = 125 °C; V = 30V
J
r
40
60
80
100
120
140
160
180
200
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Sq ua re Pulse
FM
500 A
250 A
SD803C..S15C Series
T = 125 °C; V = 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
140
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Square Pulse
FM
500 A
250 A
SD803C..S15C Series
T = 125 °C; V = 30V
r
J
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
0.1
Pulse Basewidth (µs)
4
d v/ d t = 1000V/ µs
Sinusoidal Pulse
20 joules p er p ulse
10
0.4
0.2
0.04
T = 125°C, V
= 800V
J
RRM
0.02
0.01
SD803C..S10C Series
tp
1E11E2
1E31E4
1
2
0.1
Pulse Basewidth (µs)
4
20 joules per pulse
10
0.4
0.2
0.04
T = 125°C, V
= 800V
Trapezoidal Pulse
d v/ dt = 1000V/ µs; di/ dt=50A/ µs
SD803C..S10C Series
J
RRM
tp


Similar Part No. - SD803C12S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD803C12S15C VISHAY-SD803C12S15C Datasheet
347Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
More results

Similar Description - SD803C12S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC Datasheet
362Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 14-Jan-14
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
SD803C04S10C VISHAY-SD803C04S10C_12 Datasheet
347Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com