Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD823C12S20C Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SD823C12S20C
Description  Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD823C12S20C Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SD823C12S20C Datasheet HTML 3Page - Vishay Siliconix SD823C12S20C Datasheet HTML 4Page - Vishay Siliconix SD823C12S20C Datasheet HTML 5Page - Vishay Siliconix SD823C12S20C Datasheet HTML 6Page - Vishay Siliconix SD823C12S20C Datasheet HTML 7Page - Vishay Siliconix SD823C12S20C Datasheet HTML 8Page - Vishay Siliconix SD823C12S20C Datasheet HTML 9Page - Vishay Siliconix SD823C12S20C Datasheet HTML 10Page - Vishay Siliconix SD823C12S20C Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93181
8
Revision: 14-May-08
SD823C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
810/910 A
Fig. 28 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 29 - Frequency Characteristics
Fig. 30 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 31 - Frequency Characteristics
Fig. 32 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 33 - Frequency Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
10 joulesp er pulse
6
4
d v/ dt = 1000V/ µs
Sinusoidal Pulse
0.6
0.4
0.2
0.1
T = 150°C, V
= 800V
J
RRM
SD823C..S20C Series
tp
0.08
1E2
1E3
1E4
1E11E2
1E31E4
Pulse Basewidth (µs)
50 Hz
200
10000
100
4000
dv/ d t = 1000V/ us
20000
400
15000
1000
2000
6000
T = 55°C, V
= 800V
C
RRM
SD823C..S20C Series
Sinusoidal Pulse
tp
3000
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules per pulse
6
Trapezoidal Pulse
T = 150°C, V
= 800V
dv/ d t = 1000V/ µs
d i/ d t = 300A/ µs
0.6
0.4
J
RRM
SD823C..S20C Series
tp
0.8
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
50 Hz
100
200
400
1000
2000
4000
3000
600
6000
10000
15000
20000
SD823C..S20C Series
T = 55°C, V
= 800V
dv/ d t = 1000V/ us,
di/ dt = 300A/ us
Trapezoidal Pulse
C
RRM
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules p er pulse
6
Trapezoidal Pulse
0.6
0.4
T = 150°C, V
= 800V
dv/ d t = 1000V/ µs
di/ d t = 100A/ µs
J
RRM
SD823C..S20C Series
tp
0.2
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
Trapezoidal Pulse
50 Hz
100
200
400
1000
2000
4000
3000
600
6000
10000
15000
20000
dv/ dt = 1000V/ us,
di/ d t = 100A/ us
T = 55°C, V
= 800V
C
RRM
SD823C..S20C Series
tp


Similar Part No. - SD823C12S20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C12S20C VISHAY-SD823C12S20C Datasheet
410Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
More results

Similar Description - SD823C12S20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
VS-SD823CC VISHAY-VS-SD823CC Datasheet
425Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A/910 A
Revision: 14-Jan-14
VS-SD823CC VISHAY-VS-SD823CC_V01 Datasheet
407Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com