Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62212P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62212P
Description  General Purpose DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62212P Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62212P Datasheet HTML 1Page - Renesas Technology Corp M62212P Datasheet HTML 2Page - Renesas Technology Corp M62212P Datasheet HTML 3Page - Renesas Technology Corp M62212P Datasheet HTML 4Page - Renesas Technology Corp M62212P Datasheet HTML 5Page - Renesas Technology Corp M62212P Datasheet HTML 6Page - Renesas Technology Corp M62212P Datasheet HTML 7Page - Renesas Technology Corp M62212P Datasheet HTML 8Page - Renesas Technology Corp M62212P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M62212P/FP/GP
Rev.2.00 Jun 14, 2006 page 3 of 8
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Units
Conditions
Power supply voltage
VCC
19
V
Output voltage
VO
19
V
Output current
IO
150
mA
Power dissipation
Pd
625 (P) 360 (FP) 250 (GP)
mW
Ta = 25
°C
Thermal derating ratio
K
θ
5.00 (P) 2.88 (FP) 2.00 (GP)
mW/
°C Ta > 25°C
Operating ambient temperature
Topr
−20°C to +85
°C
Storage temperature
Tstg
−40°C to +125
°C
Electrical Characteristics
(Ta = 25
°C, V
CC = 12 V, COSC = 100 pF, unless otherwise noted)
Limits
Block
Item
Symbol
Min
Typ
Max
Units
Test Condition
Range of power supply voltage
VCC
2.5
18
V
All device
Standby current
ICC ST
1.3
1.8
mA
Output "OFF" status
Standard voltage
VREF
1.19
1.25
1.31
V
Voltage follower
Std.
voltage
section
Line regulation
LINE
5
12
mV
VCC = 2.5 to 18 V
Input bias current
IB
500
nA
Open loop gain
AV
80
dB
Unity gain bandwidth
GB
0.6
MHz
Output high voltage
VOM+
1.82
2.62
V
Output low voltage
VOM
400
mV
Output sink current
lOM+
6
mA
VFB = 1.86 V
Error
Amp.
section
Output source current
IOM
−60
−30
µA
VIN = 1 V
Oscillation frequency
fOSC
110
kHz
Upper limit voltage of oscillation
waveform
VOSCH
1.0
V
Lower limit voltage of oscillation
waveform
VOSCL
0.45
V
Cosc charge current
IOSC CH
−40
µA
Oscillator
section
Cosc discharge current 1
IOSC DlS1
10
µA
Start-up threshold voltage
VTH ON
2.2
2.3
2.4
V
VIN = 1 V
Shut-down threshold voltage
VTH OFF
2.25
V
VIN = 1 V
UVLO
section
Hysteresis
VHYS
20
50
80
mV
VHYS = VTHON
− VTHOFF
FB threshold voltage
VTH FB
1.86
V
VIN = 1 V, VDTC = 0.7 V
Latch mode “H” threshold voltage
VTH DTC
1.15
V
VIN = 1 V, VFB = 2.11 V
Latch mode “L” threshold voltage
VTL DTC
0.3
V
VIN = 1 V, VFB = 2.11 V
DTC charge current when start-up
ICH1
−45
µA
VDTC = 0.7 V, VFB = 2.11 V
DTC discharge current 1
IDIS1
50
µA
VDTC = 0.7 V, VFB = 2.11 V
DTC charge current when stable
state
ICH2
−10
µA
VDTC = 0.7 V, VFB = 0.7 V
Short
protection
circuit
DTC discharge current 2
IDIS2
15
µA
VDTC = 0.2 V, VFB = 2.11 V
Collector output leak current
ICL
−1
1
µA
VCE = 18 V, VCC = 18 V
Collector output saturation
voltage 1
VSAT1
0.3
1.1
V
Emitter GND,
IC = 150 mA, VE = 0 V
Output
section
Collector output saturation
voltage 2
VSAT2
1.6
V
Emitter follower,
IE = 50 mA, VC = 12 V


Similar Part No. - M62212P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
More results

Similar Description - M62212P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com