Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD300C12C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD300C12C
Description  Standard Recovery Diodes (Hockey PUK Version), 650 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD300C12C Datasheet(HTML) 2 Page - Vishay Siliconix

  SD300C12C Datasheet HTML 1Page - Vishay Siliconix SD300C12C Datasheet HTML 2Page - Vishay Siliconix SD300C12C Datasheet HTML 3Page - Vishay Siliconix SD300C12C Datasheet HTML 4Page - Vishay Siliconix SD300C12C Datasheet HTML 5Page - Vishay Siliconix SD300C12C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93544
2
Revision: 14-May-08
SD300C..C Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 650 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD300C..C
UNITS
04 TO 20
25 TO 32
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
650 (380) 540 (250)
A
55 (85)
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1150
995
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
6050
t = 8.3 ms
6335
t = 10 ms
100 % VRRM
reapplied
5090
t = 8.3 ms
5330
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
183
kA2s
t = 8.3 ms
167
t = 10 ms
100 % VRRM
reapplied
129
t = 8.3 ms
118
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1830
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.95
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.00
Low level values of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.75
m
Ω
High level values of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.72
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum;
tp = 10 ms sinusoidal wave
2.08
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
SD300C..C
UNITS
04 TO 20
25 TO 32
Maximum operating temperature range
TJ
- 40 to 180 - 40 to 150
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.163
K/W
DC operation double side cooled
0.073
Mounting force, ± 10 %
4900 (500)
N (kg)
Approximate weight
70
g
Case style
See dimensions - link at the end of datasheet
DO-200AA
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.017
0.017
0.011
0.012
TJ = TJ maximum
K/W
120°
0.020
0.020
0.020
0.020
90°
0.025
0.025
0.027
0.027
60°
0.036
0.036
0.038
0.038
30°
0.064
0.062
0.065
0.062


Similar Part No. - SD300C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD300C12C VISHAY-SD300C12C Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
More results

Similar Description - SD300C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD300C04C VISHAY-SD300C04C_12 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
VS-SD300CC VISHAY-VS-SD300CC Datasheet
200Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 15-Apr-14
VS-SD300CC VISHAY-VS-SD300CC_V01 Datasheet
184Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com