Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD263C30S50L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD263C30S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 375 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD263C30S50L Datasheet(HTML) 5 Page - Vishay Siliconix

  SD263C30S50L Datasheet HTML 1Page - Vishay Siliconix SD263C30S50L Datasheet HTML 2Page - Vishay Siliconix SD263C30S50L Datasheet HTML 3Page - Vishay Siliconix SD263C30S50L Datasheet HTML 4Page - Vishay Siliconix SD263C30S50L Datasheet HTML 5Page - Vishay Siliconix SD263C30S50L Datasheet HTML 6Page - Vishay Siliconix SD263C30S50L Datasheet HTML 7Page - Vishay Siliconix SD263C30S50L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93173
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD263C..S50L Series
Fast Recovery Diodes
(Hockey PUK Version), 375 A
Vishay High Power Products
Fig. 11 - Typical Forward Recovery Characteristics
Fig. 12 - Recovery Time Characteristics
Fig. 13 - Recovery Charge Characteristics
Fig. 14 - Recovery Current Characteristics
Fig. 15 - Maximum Total Energy Loss Per Pulse Characteristics
0
50
100
150
200
250
300
350
400
450
500
0
2 00
4 0 0
6 00
80 0
1 00 0
1 20 0
1 40 0
1 600
1 8 0 0
2 0 0 0
SD 263C ..S 50L Se ries
T = 1 2 5°C
T = 2 5°C
J
J
R a te O f R ise O f Fo rw a rd C u rre n t - d i/d t (A /u s)
I
V
FP
2
3
4
5
6
7
8
9
10
1 0 0
1 000
Ra te Of F a ll Of F o rw a rd C urre nt - d i/d t (A /µs )
50 0 A
150 A
I
= 100 0 A
Sine Pu ls e
FM
S D 263C ..S 50L Se rie s
T = 1 2 5 °C ; V > 1 0 0 V
J
r
0
20 0
40 0
60 0
80 0
10 00
12 00
14 00
0
5 0
1 00 15 0 2 0 0 25 0 3 00
R a te O f Fa ll O f F o rwa rd Curre nt - d i/d t ( A/µs)
500 A
150 A
I
= 1000 A
Sin e Puls e
FM
SD 2 6 3 C ..S 5 0 L Se rie s
T = 1 2 5 ° C ; V > 1 0 0 V
J
r
0
10 0
20 0
30 0
40 0
50 0
60 0
0
5 0
1 00 15 0 2 0 0 2 5 0 3 0 0
500 A
Ra te Of F a ll Of F o rw a rd C urre nt - d i/d t (A /µs )
150 A
I
= 10 00 A
Sine Pu ls e
FM
S D 263C ..S5 0L S e r ies
T = 125 °C ; V > 1 0 0V
J
r
1E2
1E3
1E4
1E 1
1E2
1E3
1 E4
1
2
Pulse Basew idth ( µs )
10 jo ule s pe r pu ls e
6
4
0.5
0.3
dv /d t = 1 0 0 0 V/ µs
T = 125°C , V
= 1500V
J
RRM
Si nu so ida l Pu lse
SD 263C..S50L Se rie s
tp


Similar Part No. - SD263C30S50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD263C30S50L VISHAY-SD263C30S50L Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
SD263C30S50L VISHAY-SD263C30S50L_12 Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
More results

Similar Description - SD263C30S50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD263CS50L VISHAY-VS-SD263CS50L_V01 Datasheet
237Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
01-Jan-2022
SD263C30S50L VISHAY-SD263C30S50L_12 Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 04-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com