Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61140FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M61140FP
Description  Tuner Single Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61140FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M61140FP Datasheet HTML 5Page - Renesas Technology Corp M61140FP Datasheet HTML 6Page - Renesas Technology Corp M61140FP Datasheet HTML 7Page - Renesas Technology Corp M61140FP Datasheet HTML 8Page - Renesas Technology Corp M61140FP Datasheet HTML 9Page - Renesas Technology Corp M61140FP Datasheet HTML 10Page - Renesas Technology Corp M61140FP Datasheet HTML 11Page - Renesas Technology Corp M61140FP Datasheet HTML 12Page - Renesas Technology Corp M61140FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
M61140FP
Rev.1.3 Jun 14, 2004 page 9 of 27
Pin No.
Pin name
Function
Circuit Diagram
45
APC FILTER
APC filter terminal. It is the loop filter
terminal which a VIF signal is made
to lock VCO and keeps frequency
constant.
17
28
21K
21K
300
300
45
33
46
VIDEO OUT
Video output terminal. The signal
inputted into the EQI terminal is
outputted.
33
46
200
47
VCO F/B
VCO feedback terminal. The
feedback is to keep the free-running
frequency of the built-in VCO.
47
33
10K
20K
48
EQ IN
The video signal threw the SIF trap is
input to this terminal. DC impression
from pin 1 is required for the input to
48 pins.
33
48
100


Similar Part No. - M61140FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61140FP HITACHI-M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
More results

Similar Description - M61140FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
logo
Renesas Technology Corp
M61130FP RENESAS-M61130FP Datasheet
5Mb / 12P
   TUNER SINGLE CHIP
logo
Microtune,Inc
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2063 MICROTUNE-MT2063 Datasheet
78Kb / 2P
   SINGLE-CHIP UNIVERSAL TUNER
logo
ON Semiconductor
LA1787M ONSEMI-LA1787M Datasheet
617Kb / 54P
   Single-Chip Tuner IC
January, 2011
logo
Sanyo Semicon Device
LA1851N SANYO-LA1851N Datasheet
391Kb / 16P
   DTS Single-chip Tuner IC
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
Sanyo Semicon Device
LA1888NM SANYO-LA1888NM Datasheet
2Mb / 65P
   Car Stereo Single-Chip Tuner IC
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com