Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52791FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M52791FP
Description  AV Switch with I2C Bus Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52791FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M52791FP Datasheet HTML 1Page - Renesas Technology Corp M52791FP Datasheet HTML 2Page - Renesas Technology Corp M52791FP Datasheet HTML 3Page - Renesas Technology Corp M52791FP Datasheet HTML 4Page - Renesas Technology Corp M52791FP Datasheet HTML 5Page - Renesas Technology Corp M52791FP Datasheet HTML 6Page - Renesas Technology Corp M52791FP Datasheet HTML 7Page - Renesas Technology Corp M52791FP Datasheet HTML 8Page - Renesas Technology Corp M52791FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M52791SP/FP
Rev.2.00 Sep 14, 2006 page 3 of 13
Pin Arrangement
4
1
2
3
5
33
36
35
34
32
6
7
31
30
8
29
9
28
10
27
11
26
12
25
13
24
14
23
15
22
16
21
17
20
18
19
(Top view)
Outline: PRSP0036GA-B (36P2R-D)
Lead pitch: 0.8 mm
M52791FP
VCC
VIDEO 2 IN
Lch 2 IN
TUNER IN
Lch T IN
Rch T IN
Y/C SEPA
Lch 1 OUT
Rch 1 OUT
Y 1 OUT
V 1 OUT
C 1 OUT
V 2 OUT
CHIP SELECT
SDA
GND
SCL
Y 2 OUT
C 2 OUT
C IN
Y IN
C 2 IN
Rch 2 IN
Y 2 IN
Y 3 IN
VIDEO 3 IN
Lch 3 IN
C 3 IN
Rch 3 IN
Y 4 IN
VIDEO 4 IN
Lch 4 IN
C 4 IN
Rch 4 IN
BIAS
DA
4
1
2
3
5
33
36
35
34
32
6
7
31
30
8
29
9
28
10
27
11
26
12
25
13
24
14
23
15
22
16
21
17
20
18
19
(Top view)
Outline: 36P4E
Lead pitch: 1.778 mm
M52791SP
VCC
VIDEO 2 IN
Lch 2 IN
TUNER IN
Lch T IN
Rch T IN
Y/C SEPA
Lch 1 OUT
Rch 1 OUT
Y 1 OUT
V 1 OUT
C 1 OUT
V 2 OUT
CHIP SELECT
SDA
GND
SCL
Y 2 OUT
C 2 OUT
C IN
Y IN
C 2 IN
Rch 2 IN
Y 2 IN
Y 3 IN
VIDEO 3 IN
Lch 3 IN
C 3 IN
Rch 3 IN
Y 4 IN
VIDEO 4 IN
Lch 4 IN
C 4 IN
Rch 4 IN
BIAS
DA


Similar Part No. - M52791FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52791FP MITSUBISHI-M52791FP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
More results

Similar Description - M52791FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com