Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI3035S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MI3035S
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MI3035S Datasheet(HTML) 2 Page - Vishay Siliconix

  MI3035S Datasheet HTML 1Page - Vishay Siliconix MI3035S Datasheet HTML 2Page - Vishay Siliconix MI3035S Datasheet HTML 3Page - Vishay Siliconix MI3035S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
M3035S, M3045S, MI3035S & MI3045S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88952
Revision: 19-May-08
2
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M30xxS
MI30xxS
UNIT
Typical thermal resistance
RθJC
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
M3045S-E3/4W
1.878
4W
50/tube
Tube
TO-262AA
MI3045S-E3/4W
1.454
4W
50/tube
Tube
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
35
30
25
20
15
10
5
0
0
25
50
75
100
125
150
Case Temperature (°C)
M30xxS
MI30xxS
1
10
100
300
250
200
150
100
50
0
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
1.0
1000
100
10
1
10
20
30
40
50
60
70
80
90
100
0.1
0.01
0.001
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C


Similar Part No. - MI3035S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MI3035S VISHAY-MI3035S Datasheet
148Kb / 6P
   Schottky Barrier Rectifier
Revision: 15-Oct-12
More results

Similar Description - MI3035S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com