Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2035S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M2035S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M2035S Datasheet(HTML) 1 Page - Vishay Siliconix

  M2035S Datasheet HTML 1Page - Vishay Siliconix M2035S Datasheet HTML 2Page - Vishay Siliconix M2035S Datasheet HTML 3Page - Vishay Siliconix M2035S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M2035S & M2045S
Vishay General Semiconductor
Document Number: 88953
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Voltage Trench MOS Barrier Schottky Rectifier
FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of
switching mode power supplies, freewheeling diodes,
dc-to-dc converters or polarity protection applications.
MECHANICAL DATA
Case: TO-220AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
35 V, 45 V
IFSM
200 A
VF at IF = 20 A
0.55 V
TJ max.
150 °C
TO-220AB
1
2
3
1
2
CASE
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M2035S
M2045S
UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
20
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Peak repetitive reverse current per leg at tp = 2 µs, 1 kHz
IRRM
2.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - M2035S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
M2035S-E3 VISHAY-M2035S-E3 Datasheet
120Kb / 5P
   Schottky Barrier Rectifier
Revision: 28-Nov-13
M2035S-E3 VISHAY-M2035S-E3 Datasheet
108Kb / 4P
   Schottky Barrier Rectifier
08-Feb-17
M2035S-E3 VISHAY-M2035S-E3_15 Datasheet
113Kb / 4P
   Schottky Barrier Rectifier
Revision: 28-Nov-13
M2035S-E3 VISHAY-M2035S-E3_V01 Datasheet
108Kb / 4P
   Schottky Barrier Rectifier
08-Feb-17
More results

Similar Description - M2035S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com