Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL10L30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SBL10L30
Description  Low VF Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBL10L30 Datasheet(HTML) 1 Page - Vishay Siliconix

  SBL10L30 Datasheet HTML 1Page - Vishay Siliconix SBL10L30 Datasheet HTML 2Page - Vishay Siliconix SBL10L30 Datasheet HTML 3Page - Vishay Siliconix SBL10L30 Datasheet HTML 4Page - Vishay Siliconix SBL10L30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBL10L30, SBLF10L30, SBLB10L30
Vishay General Semiconductor
Document Number: 88724
Revision: 07-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Low VF Schottky Barrier Rectifier
FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Very low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier
of switching mode power supplies, OR-ing diode,
freewheeling diodes, dc-to-dc converters and polarity
protection application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
10 A
VRRM
30 V
IFSM
200 A
VF
0.43 V
TJ max.
150 °C
TO-263AB
CASE
PIN 2
PIN 1
TO-220AC
SBL10L30
ITO-220AC
SBLF10L30
SBLB10L30
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
30
V
Working peak reverse voltage
VRWM
21
V
Maximum DC blocking voltage
VDC
30
V
Maximum average forward rectified current at TC = 140 °C
IF(AV)
10
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Peak repetitive reverse current at tp = 2 µs, 1 kHz
IRRM
1.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C
Isolation voltage (ITO-220AC only) from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - SBL10L30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL10L30 VISHAY-SBL10L30 Datasheet
44Kb / 3P
   Schottky Barrier Rectifier
14-Nov-02
SBL10L30 VISHAY-SBL10L30 Datasheet
137Kb / 6P
   Low VF Schottky Barrier Rectifier
Revision: 14-Jun-12
SBL10L30 VISHAY-SBL10L30_15 Datasheet
137Kb / 6P
   Low VF Schottky Barrier Rectifier
Revision: 14-Jun-12
More results

Similar Description - SBL10L30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com