Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GURF5H60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GURF5H60
Description  Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GURF5H60 Datasheet(HTML) 2 Page - Vishay Siliconix

  GURF5H60 Datasheet HTML 1Page - Vishay Siliconix GURF5H60 Datasheet HTML 2Page - Vishay Siliconix GURF5H60 Datasheet HTML 3Page - Vishay Siliconix GURF5H60 Datasheet HTML 4Page - Vishay Siliconix GURF5H60 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GUR5H60, GURF5H60 & GURB5H60
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88650
Revision: 06-Aug-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage (1)
IF = 5 A
TJ = 25 °C
TJ = 150 °C
VF
1.8
1.6
V
Maximum DC reverse current
VRWM
TJ = 25 °C
TJ = 150 °C
IR
20
400
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
30
ns
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GUR
GURF
GURB
UNIT
Typical thermal resistance from junction to case
RθJC
2.0
3.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
GUR5H60-E3/45
1.80
45
50/tube
Tube
ITO-220AC
GURF5H60-E3/45
1.95
45
50/tube
Tube
TO-263AB
GURB5H60-E3/45
1.33
45
50/tube
Tube
TO-263AB
GURB5H60-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
GUR5H60HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
GURF5H60HE3/45 (1)
1.95
45
50/tube
Tube
TO-263AB
GURB5H60HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
GURB5H60HE3/81 (1)
1.33
81
800/reel
Tape and reel


Similar Part No. - GURF5H60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GURF5H60 VISHAY-GURF5H60 Datasheet
53Kb / 3P
   Ultrafast Rectifiers
02-Jul-02
More results

Similar Description - GURF5H60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com