Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLL4752 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GLL4752
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4752 Datasheet(HTML) 4 Page - Vishay Siliconix

  GLL4752 Datasheet HTML 1Page - Vishay Siliconix GLL4752 Datasheet HTML 2Page - Vishay Siliconix GLL4752 Datasheet HTML 3Page - Vishay Siliconix GLL4752 Datasheet HTML 4Page - Vishay Siliconix GLL4752 Datasheet HTML 5Page - Vishay Siliconix GLL4752 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 85781
Rev. 1.4, 06-Aug-04
GLL4735 to GLL4763A
Vishay Semiconductors
Package Dimensions in Inches (mm)
18268
Solderable Ends
1st Band
D2=D1
+0
-0.008 (0.20)
D2
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)
1st Band denotes type and positive end (cathode)
0.022 (0.56)
0.018 (0.46)
D1 =
0.105
(2.67)
0.095
(2.41)
Mounting Pad Layout
0.049 (1.25)
Min.
0.1.57 (4.00)
Max.
0.256 (6.50)
Ref.
0.118 (3.00)
Min.
ISO Method E


Similar Part No. - GLL4752

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4752 GE-GLL4752 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
GLL4752 VISHAY-GLL4752 Datasheet
95Kb / 5P
   Zener Diodes
Rev. 1.7, 06-Dec-11
logo
SUNMATE electronic Co.,...
GLL4752A SUNMATE-GLL4752A Datasheet
598Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4752

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com