Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM55P06-19L-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUM55P06-19L-E3
Description  P-Channel 60-V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM55P06-19L-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUM55P06-19L-E3 Datasheet HTML 1Page - Vishay Siliconix SUM55P06-19L-E3 Datasheet HTML 2Page - Vishay Siliconix SUM55P06-19L-E3 Datasheet HTML 3Page - Vishay Siliconix SUM55P06-19L-E3 Datasheet HTML 4Page - Vishay Siliconix SUM55P06-19L-E3 Datasheet HTML 5Page - Vishay Siliconix SUM55P06-19L-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 73059
S-80272-Rev. C, 11-Feb-08
Vishay Siliconix
SUM55P06-19L
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
- 1
µA
VDS = - 60 V, VGS = 0 V, TJ = 125 °C
- 50
VDS = - 60 V, VGS = 0 V, TJ = 175 °C
- 250
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 10 V
- 120
A
Drain-Source On-State Resistancea
rDS(on)
VGS = - 10 V, ID = - 30 A
0.015
0.019
Ω
VGS = - 10 V, ID = - 30 A, TJ = 125 °C
0.033
VGS = - 10 V, ID = - 30 A, TJ = 175 °C
0.041
VGS = - 4.5 V, ID = - 20 A
0.020
0.025
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 50 A
20
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = - 25 V, f = 1 MHz
3500
pF
Output Capacitance
Coss
390
Reverse Transfer Capacitance
Crss
290
Total Gate Chargec
Qg
VDS = - 30 V, VGS = - 10 V, ID = - 55 A
76
115
nC
Gate-Source Chargec
Qgs
16
Gate-Drain Chargec
Qgd
19
Gate Resistance
Rg
f = 1.0 MHz
5.2
Ω
Turn-On Delay Timec
td(on)
VDD = - 30 V, RL = 0.54 Ω
ID ≅ - 55 A, VGEN = - 10 V, Rg = 2.5 Ω
12
20
ns
Rise Timec
tr
15
25
Turn-Off Delay Timec
td(off)
80
120
Fall Timec
tf
230
350
Source-Drain Diode Ratings and Characteristics TC = 25 °C
b
Continuous Current
IS
- 110
A
Pulsed Current
ISM
- 240
Forward Voltagea
VSD
IF = - 50 A, VGS = 0 V
- 1.0
- 1.5
V
Reverse Recovery Time
trr
IF = - 50 A, di/dt = 100 A/µs
45
68
ns
Peak Reverse Recovery Current
IRM(REC)
- 2.6
4.0
A
Reverse Recovery Charge
Qrr
0.059
0.136
µC


Similar Part No. - SUM55P06-19L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM55P06-19L-E3 VISHAY-SUM55P06-19L-E3 Datasheet
61Kb / 5P
   P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 04-Oct-04
More results

Similar Description - SUM55P06-19L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD08P06-155L VISHAY-SUD08P06-155L Datasheet
67Kb / 5P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. A, 07-Mar-05
SUM110P06-07L VISHAY-SUM110P06-07L_08 Datasheet
115Kb / 6P
   P-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
SUD19P06-60L VISHAY-SUD19P06-60L Datasheet
528Kb / 9P
   P-Channel 60-V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBL2606 VBSEMI-VBL2606 Datasheet
443Kb / 8P
   P-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUD08P06-155L VISHAY-SUD08P06-155L_08 Datasheet
101Kb / 6P
   P-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 06-Aug-07
SUD50P06-15L VISHAY-SUD50P06-15L Datasheet
43Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. B 11-Aug-03
logo
VBsemi Electronics Co.,...
VBL2609 VBSEMI-VBL2609 Datasheet
401Kb / 7P
   P-Channel 60-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com