Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9102C Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA9102C
Description  H/V PROCESSOR FOR TTL V.D.U
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9102C Datasheet(HTML) 5 Page - STMicroelectronics

  TDA9102C Datasheet HTML 1Page - STMicroelectronics TDA9102C Datasheet HTML 2Page - STMicroelectronics TDA9102C Datasheet HTML 3Page - STMicroelectronics TDA9102C Datasheet HTML 4Page - STMicroelectronics TDA9102C Datasheet HTML 5Page - STMicroelectronics TDA9102C Datasheet HTML 6Page - STMicroelectronics TDA9102C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25
oC, VS = 12V, refer to the test circuits, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VERTICAL SECTION
K17
Frequency drift versus supply voltage K17
=
dF .
10
6
dV .
fV
VS = 10.5V to 15.5V
300
ppm
V
1
2
C2
R1
R2
I1
if
C1
C3
R3
3
HOR. SYNC.
ϕ1
HORIZONTAL
OSCILLATOR
V
3L
V3H
V3H
VDC
V
DC
V
3L
V (V)
t (s)
VL = 5.2V
= 6.8V
V
H
= 6V
V
= 2V
VLL
1/fv
ts
Technical note 1
fH (nom) = 26.8 kHz
R1 = 6.8k
R2 = 56 k
C2 = 1.8 nF
fpull-in = fH (nom)
 V3 − V1  / R2
V1 / R1
= fH (nom)
If
Io
(A)
where: V1 = 3.5V and
V3 - V1 is the control
voltage range.
The voltage at Pin 3 is limited by two clamping
diodes at the voltage V3H and V3L
When the PLL1 is synchronized and perfectly
tuned, V3 = V1.
Remark: The value of C2 influences the horizontal
oscillator free running frequency; it doesn’t effect
the relative pull-in range. If the
horizontal fre-
quency is changed by using R1, the pull-in range
changes accordingly with the formula (A).
Technical note 2
The internal pulse "t5", is generated by the current
generator "I5" charging the external capacitor
"C5", according with the formula (B):
t5
=
C5 . V5
I5
(B), t5 =
TH
12
is recommended.
Technical note 3
K9 = 67.5 degrees/volt represents the slope of the
oscillator charging period of the waveform at
Pin 2:
K9 =
360 x 0.75
4
degree
V
Technical note 4
The second PLL can recover the storage of hori-
zontal output stage maintaining a constant duty
cycle till the trailing edge of the output pulse gets
the trailing edge of the flyback pulse. From this
point on, only the leading edge of the output pulse
will be shifted covering a total phase shift of: 0.30T;
overcoming this value, it will produce a notch in the
output pulse (@ fH = 27kHz).
Technical note 5
The voltage reference at Pin 19 can be used to
polarize the DC operating point of the vertical
booster. This voltage corresponds to the double of
the mean value voltage of the vertical sawtooth at
Pin 13.
Technical note 6
VH
VL
ts
=
VH
− VLL
1/fV
ts
= (
VH
− VL)
(VH − VLL)
1
fV
=
K14
fV
TDA9102C/T
5/7


Similar Part No. - TDA9102C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
More results

Similar Description - TDA9102C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
TDA8102B STMICROELECTRONICS-TDA8102B Datasheet
227Kb / 7P
   H/V PROCESSOR FOR TTK V.D.U
logo
HiSilicon(Shanghai) Tec...
HI3536C HISILICON-HI3536C Datasheet
199Kb / 3P
   H.265 CODEC Processor
HI3535 HISILICON-HI3535 Datasheet
331Kb / 7P
   H.264 CODEC Processor
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
Renesas Technology Corp
TW8836 RENESAS-TW8836 Datasheet
224Kb / 3P
   LCD Video Processor with Built-In Decoder, TTL/LVDS Inputs, MCU, OSD, and TTL/LVDS Panel Interface
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com