Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8222 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8222
Description  VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8222 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8222 Datasheet HTML 1Page - STMicroelectronics TDA8222 Datasheet HTML 2Page - STMicroelectronics TDA8222 Datasheet HTML 3Page - STMicroelectronics TDA8222 Datasheet HTML 4Page - STMicroelectronics TDA8222 Datasheet HTML 5Page - STMicroelectronics TDA8222 Datasheet HTML 6Page - STMicroelectronics TDA8222 Datasheet HTML 7Page - STMicroelectronics TDA8222 Datasheet HTML 8Page - STMicroelectronics TDA8222 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25
oC, VCC = 9V, IF input = 10mVRMS top sync, D = 90%, Video BW = 5MHz,
Sound carrier input : 5.5MHz, 10mVRMS, fm = 1kHz, Audio BW = 20kHz,
∆f = ± 25kHz,
Volume attenuation = 0dB, Rload on Pin 12 = 1k
Ω, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AUDIO SWITCH
R17
Input Resistance
40
65
k
CRtk
Crosstalk
70
80
dB
EXTHD
THD on External Signal
VIN = 2VRMS, Attenuation = 0dB
0.05
0.3
%
VIDEO SWITCH
VDC 13-14
DC Input Level
No signal
1.6
1.9
2.2
V
VS 13-14
Top Sync Clamp Level
1.8
V
V12
DC Output Level
No signal
0.7
1.0
1.3
V
VS 12
Top Sync Clamp Level
0.85
V
Crosstalk
55
dB
G13-14 . 12
Gain from inputs to output
VIN = 1VPP
5.5
6
6.5
dB
Output Swing
4.5
V
I13-14
Input Current
V13-14 = VDC 13-14 + 1.5V
1
5
µA
VBW
Bandwidth
VIN = 1VPP
15
MHz
SWITCHING INPUT
V21 ext
External Input Selection Level
5
V
V21 int
Internal Input Selection Level
2.5
I21
Sourced Current
0
10
µA
MUTE
V15
Threshold Voltage
2.1
V
V15
DC Level when mute disabled
High impedance controling circuit
2.8
V
TDA8222
5/9


Similar Part No. - TDA8222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
   NICAM DECODER
November 1994
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
   VIDEO & SOUND IF SYSTEM
TDA8214 STMICROELECTRONICS-TDA8214 Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
More results

Similar Description - TDA8222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
   VIDEO & SOUND IF SYSTEM
STV8211 STMICROELECTRONICS-STV8211 Datasheet
113Kb / 8P
   VIDEO & SOUND IF SYSTEM
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
   IF Filter for Video and Sound
logo
Siemens Semiconductor G...
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
Toshiba Semiconductor
TA8611AN TOSHIBA-TA8611AN Datasheet
462Kb / 11P
   VIDEO AND SOUND IF FOR TV SET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com