Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50NP04-77P-T4-E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SUD50NP04-77P-T4-E3
Description  Complementary N- and P-Channel 40-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50NP04-77P-T4-E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SUD50NP04-77P-T4-E3 Datasheet HTML 4Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 5Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 6Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 7Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 8Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 9Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 10Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 11Page - Vishay Siliconix SUD50NP04-77P-T4-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
10
Document Number: 73989
S-80109-Rev. B, 21-Jan-08
Vishay Siliconix
SUD50NP04-77P
New Product
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
** The power dissipation PD is based on TJ(max) = 150 °C, using
junction-to-case thermal resistance, and is more useful in settling the
upper dissipation limit for cases where additional heatsinking is
used. It is used to determine the current rating, when this rating falls
below the package limit.
Safe Operating Area, Junction-to-Case
Current Derating**, Junction-to-Case
Power Derating, Junction-to-Case
0.01
100
1
100
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which rDS(on) is specified
1ms
10 ms
100 ms
DC
100 µs
0.1
1
10
10
TC = 25 °C
Single Pulse
Limited byrDS(on)*
0
4
9
13
18
22
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
0
7
14
21
28
35
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Current Derating**, Junction-to-Ambient
Power Derating, Junction-to-Ambient
0
1
3
4
6
7
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
0
0.7
1.4
2.1
2.8
3.5
0
25
50
75
100
125
150
175
TA - Ambient Temperature (°C)


Similar Part No. - SUD50NP04-77P-T4-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SUD50N02 TFUNK-SUD50N02 Datasheet
163Kb / 7P
   N-Channel 20 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SUD50N02 VISHAY-SUD50N02 Datasheet
110Kb / 6P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 04-Aug-08
SUD50N02-04P VISHAY-SUD50N02-04P Datasheet
177Kb / 3P
   N-Channel 20-V (D-S) 175C MOSFET
08-Jun-04
SUD50N02-04P VISHAY-SUD50N02-04P Datasheet
89Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. B, 23-Feb-04
SUD50N02-04P-E3 VISHAY-SUD50N02-04P-E3 Datasheet
89Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. B, 23-Feb-04
More results

Similar Description - SUD50NP04-77P-T4-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com