Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY3191 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMY3191
Description  Standard SMD LED PLCC2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY3191 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMY3191 Datasheet HTML 1Page - Vishay Siliconix VLMY3191 Datasheet HTML 2Page - Vishay Siliconix VLMY3191 Datasheet HTML 3Page - Vishay Siliconix VLMY3191 Datasheet HTML 4Page - Vishay Siliconix VLMY3191 Datasheet HTML 5Page - Vishay Siliconix VLMY3191 Datasheet HTML 6Page - Vishay Siliconix VLMY3191 Datasheet HTML 7Page - Vishay Siliconix VLMY3191 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 84760
Rev. 1.4, 24-Sep-07
www.vishay.com
3
Vishay Semiconductors
VLMY3191
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
Figure 3. Forward Current vs. Pulse Length
100
80
60
40
0
25
50
75
100
125
Tamb - Ambient Temperature (°C)
95 10904
20
0
0
10
20
30
40
60
95 10905
50
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length (ms)
100
95 9985
DC
t p /T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
T
amb < 6 0 °C
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
yellow
0.1
1
10
100
95 9987
VF - Forward Voltage (V)
5
2
1
03
4
yellow
0
0.4
0.8
1.6
1.2
2.0
95 9992
Tamb - Ambient Temperature (°C)
20
40
60
80
0
100


Similar Part No. - VLMY3191

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Apr-13
VLMY31 VISHAY-VLMY31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
01-Jan-2022
VLMY31 VISHAY-VLMY31 Datasheet
234Kb / 7P
   Standard SMD LED PLCC-2
01-Jan-2023
VLMY31.. VISHAY-VLMY31.. Datasheet
234Kb / 7P
   Standard SMD LED PLCC-2
01-Jan-2023
VLMY310 VISHAY-VLMY310 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
More results

Similar Description - VLMY3191

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMO31J1K2-GS08 VISHAY-VLMO31J1K2-GS08 Datasheet
187Kb / 8P
   Standard SMD LED PLCC2
Rev. 1.2, 11-Sep-07
VLMY31J1K2-GS08 VISHAY-VLMY31J1K2-GS08 Datasheet
194Kb / 8P
   Standard SMD LED PLCC2
Rev. 1.1, 06-Sep-07
logo
Visual Communications C...
VAOL-S2WR4 VCC-VAOL-S2WR4 Datasheet
467Kb / 8P
   PLCC2 SMD TYPE LED
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
429Kb / 7P
   PLCC2 White SMD LED
logo
Visual Communications C...
VAOL-S2YP4 VCC-VAOL-S2YP4 Datasheet
376Kb / 7P
   PLCC2 SMD TYPE LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
   PLCC2 White SMD LED
logo
Visual Communications C...
VAOL-S2GT4 VCC-VAOL-S2GT4 Datasheet
435Kb / 7P
   PLCC2 SMD TYPE LED
logo
SunLED Corporation
XZYG45WTHTA SUNLED-XZYG45WTHTA Datasheet
269Kb / 6P
   3.5x2.8mm PLCC2 SMD LED
logo
Visual Communications C...
VAOL-S2RP4 VCC-VAOL-S2RP4 Datasheet
372Kb / 7P
   PLCC2 SMD TYPE LED
logo
SunLED Corporation
ZM2BG45FW SUNLED-ZM2BG45FW Datasheet
194Kb / 4P
   3.5x2.8mm PLCC2 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com