Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMW3102-5K8L-08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMW3102-5K8L-08
Description  Standard SMD LED PLCC-2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW3102-5K8L-08 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMW3102-5K8L-08 Datasheet HTML 1Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 2Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 3Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 4Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 5Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 6Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 7Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 8Page - Vishay Siliconix VLMW3102-5K8L-08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number 81315
Rev. 1.5, 25-Oct-07
www.vishay.com
5
Vishay Semiconductors
VLMW31..
PACKAGE DIMENSIONS in millimeters
Figure 9. Coordinates of Colorgroups
0.250 0.270 0.290 0.310 0.330 0.350 0.370
0.400
0.350
0.300
0.250
0.200
X-par
6L
5L
7L
8L
6K
5K
7K
8K
19784_3
20541
Mounting Pad Layout
1.2
1.6 (1.9)
4
area covered with
solder resist


Similar Part No. - VLMW3102-5K8L-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW320 VISHAY-VLMW320 Datasheet
318Kb / 12P
   Available in 8 mm tape
Rev. 1.2, 30-Jul-08
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
318Kb / 12P
   Available in 8 mm tape
Rev. 1.2, 30-Jul-08
VLMW3201-GS08 VISHAY-VLMW3201-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMW3201-GS08 VISHAY-VLMW3201-GS08 Datasheet
318Kb / 12P
   Available in 8 mm tape
Rev. 1.2, 30-Jul-08
More results

Similar Description - VLMW3102-5K8L-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com