Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMW611CADBK3L5-18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW611CADBK3L5-18
Description  Power SMD LED CLCC-6 Warm White
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW611CADBK3L5-18 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW611CADBK3L5-18 Datasheet HTML 1Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 2Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 3Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 4Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 5Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 6Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 7Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 8Page - Vishay Siliconix VLMW611CADBK3L5-18 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 81783
Rev. 1.2, 21-Jul-08
Vishay Semiconductors
VLMW611.
For technical support, please contact: LED@vishay.com
Note:
Not designed for reverse operation
1) T
amb = 25 °C, unless otherwise specified
Note:
Not designed for reverse operation
1) T
amb = 25 °C, unless otherwise specified
2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.05 V
3) Theoretical correlation for 120° emission angle
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each reel
(there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, each single wavelength group is packed in a single reel.
In order to ensure availability, single wavelength groups can not be ordered.
ABSOLUTE MAXIMUM RATINGS 1) VLMW611.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
IF
150
mA
Power dissipation
Ptot
650
mW
Junction temperature
Tj
+ 125
°C
Surge current
Tj < 400 ms, d = 0.3, Tj < 65 °C
350
mA
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/pin
Metal core pcb 960 mm² per LED
RthJP
50
K/W
Thermal resistance junction/ambient
RthJA
100
K/W
Optical and Electrical Characteristics 1) VLMW611., warm white
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 140 mA
VLMW611BADA
IV
1800
5600
mcd
VLMW611CADB
IV
2800
7100
mcd
Luminous flux
calculated 3)
IF = 140 mA
VLMW611BADA
φ
V
5400
16800
mlm
VLMW611CADB
φ
V
8700
22300
mlm
Chromaticity coordinate x acc. to
CIE 1931
IF = 140 mA
x0.40
Chromaticity coordinate y acc. to
CIE 1931
IF = 140 mA
y0.39
Angle of half intensity
IF = 140 mA
ϕ
± 60
deg
Forward voltage2)
IF = 140 mA
VF
2.9
3.3
4.3
V
Temperature coefficient of VF
IF = 140 mA
TCVF
- 3
mV/K
Temperature coefficient of IV
IF = 140 mA
TCIV
- 0.4
%/K
LUMINOUS INTENSITY/FLUX CLASSIFICATION WARM WHITE
GROUP
LUMINOUS INTENSITY IV (mcd)
STANDARD
MIN.
MAX.
BA
1800
2240
BB
2240
2800
CA
2800
3550
CB
3550
4500
DA
4500
5600
DB
5600
7100
EA
7100
9000


Similar Part No. - VLMW611CADBK3L5-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW61CADB-3K8L-08 VISHAY-VLMW61CADB-3K8L-08 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMW61CADB-3K8L-18 VISHAY-VLMW61CADB-3K8L-18 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMW61CBEA-3K8L-08 VISHAY-VLMW61CBEA-3K8L-08 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMW61CBEA-3K8L-18 VISHAY-VLMW61CBEA-3K8L-18 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
More results

Similar Description - VLMW611CADBK3L5-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW621BADAK3L5-08 VISHAY-VLMW621BADAK3L5-08 Datasheet
208Kb / 9P
   Power SMD LED CLCC-6 Warm White Flat
Rev. 1.3, 21-Jul-08
VLMW63BBDA-5K8L-08 VISHAY-VLMW63BBDA-5K8L-08 Datasheet
191Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.0, 18-Jul-08
VLMK61CADA-GS08 VISHAY-VLMK61CADA-GS08 Datasheet
225Kb / 9P
   Power SMD LED CLCC-6
Rev. 1.2, 21-Jul-08
VLMW61CADB-3K8L-08 VISHAY-VLMW61CADB-3K8L-08 Datasheet
234Kb / 10P
   Power SMD LED CLCC-6
Rev. 1.4, 21-Jul-08
VLMW64BBDA-5K8L-08 VISHAY-VLMW64BBDA-5K8L-08 Datasheet
200Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMK62CADA-GS08 VISHAY-VLMK62CADA-GS08 Datasheet
207Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
VLMW62CADB-3K8L-08 VISHAY-VLMW62CADB-3K8L-08 Datasheet
216Kb / 10P
   Power SMD LED CLCC-6 Flat
Rev. 1.3, 21-Jul-08
logo
P-tec Corporation
PL1011SN-WCWW P-TEC-PL1011SN-WCWW Datasheet
33Kb / 1P
   High Power Warm White SMD LED
PL1010SN-WCWW P-TEC-PL1010SN-WCWW Datasheet
32Kb / 1P
   High Power Warm White SMD LED
logo
OptoSupply Internationa...
OSM57LS3C1A OPTOSUPPLY-OSM57LS3C1A Datasheet
105Kb / 1P
   3.5x2.8x1.9mm Power Top Warm White SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com