Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY33R2U2-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMY33R2U2-GS18
Description  Power SMD LED PLCC-2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY33R2U2-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMY33R2U2-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMY33R2U2-GS18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number 81336
Rev. 1.0, 04-May-07
Vishay Semiconductors
VLM.33..
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for a short term application
Note:
1) T
amb = 25 °C, unless otherwise specified
VLMO33R2U2-GS18
Soft orange, IV = (140 to 710) mcd
AlInGaP on GaAs
VLMY33T1U2-GS08
Yellow, IV = (280 to 710) mcd
AlInGaP on GaAs
VLMY33T1U2-GS18
Yellow, IV = (280 to 710) mcd
AlInGaP on GaAs
VLMY33R2U2-GS08
Yellow, IV = (140 to 710) mcd
AlInGaP on GaAs
VLMY33R2U2-GS18
Yellow, IV = (140 to 710) mcd
AlInGaP on GaAs
ABSOLUTE MAXIMUM RATINGS1) VLM.33..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage2)
VR
5V
DC Forward current
Tamb ≤ 73 °C (400 K/W)
IF
50
mA
Power dissipation
PV
130
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) VLMR33.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity
IF = 30 mA
VLMR33T1U2
IV
280
710
mcd
VLMR33R2U2
IV
140
710
mcd
Luminous flux/Luminous
intensity
φ
V/IV
3mlm/mcd
Dominant wavelength
IF = 30 mA
λ
d
611
617
622
nm
Peak wavelength
IF = 30 mA
λ
p
624
nm
Spectral bandwidth
at 50 % Irel max
IF = 30 mA
Δλ
18
nm
Angle of half intensity
IF = 30 mA
ϕ
± 60
deg
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
0.01
10
µA
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY


Similar Part No. - VLMY33R2U2-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY33R2U2-GS18 VISHAY-VLMY33R2U2-GS18 Datasheet
236Kb / 11P
   Power SMD LED PLCC-2
Rev. 1.5, 03-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMY33R2U2-GS18 TO-GRACE-VLMY33R2U2-GS18 Datasheet
831Kb / 11P
   Power SMD LED PLCC-2
More results

Similar Description - VLMY33R2U2-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com