Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMW33T2AA-5K8L-18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMW33T2AA-5K8L-18
Description  Power SMD LED PLCC-2
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW33T2AA-5K8L-18 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMW33T2AA-5K8L-18 Datasheet HTML 1Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 2Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 3Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 4Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 5Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 6Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 7Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 8Page - Vishay Siliconix VLMW33T2AA-5K8L-18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 81273
Rev. 1.5, 25-Oct-07
Vishay Semiconductors
VLMW33..
Figure 3. Relative Intensity vs. Wavelength
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Luminous Intensity vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
400 450 500 550 600 650 700 750 800
- Wavelength (nm)
16196
λ
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF - Forward Voltage (V)
19035
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
16194
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Forward Voltage vs. Ambient Temperature
Figure 8. Chromaticity Coordinate Shift vs. Forward Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
16197
Tamb - Ambient Temperature (°C)
0 1020
30 40506070 80 90 100
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
16199
Tamb -Ambient Temperature (°C)
0
1020
30 40506070 80 90 100
0.315
0.320
0.325
0.330
0.335
0.340
0.345
16198
X
Y
I
F - Forward Current (mA)
060
50
40
30
20
10
white


Similar Part No. - VLMW33T2AA-5K8L-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW33T2AA-5K8L-18 VISHAY-VLMW33T2AA-5K8L-18 Datasheet
205Kb / 8P
   Chromaticity coordinate categorized according to CIE1931 per packing unit
Rev. 1.9, 03-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33T2AA-5K8L-18 TO-GRACE-VLMW33T2AA-5K8L-18 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
More results

Similar Description - VLMW33T2AA-5K8L-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com