Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMW32T2V1-5K8L-18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMW32T2V1-5K8L-18
Description  Power SMD LED PLCC-4
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW32T2V1-5K8L-18 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMW32T2V1-5K8L-18 Datasheet HTML 1Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 2Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 3Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 4Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 5Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 6Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 7Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 8Page - Vishay Siliconix VLMW32T2V1-5K8L-18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number 81619
Rev. 1.1, 20-Jul-07
www.vishay.com
3
Vishay Semiconductors
VLMW32..
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
Note:
Chromaticity coordinate groups are tested at a current pulse direction of 25 ms and a tolerance of ± 0.01.
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (MCD)
STANDARD
MIN
MAX
T1
280
355
T2
355
450
U1
450
560
U2
560
710
V1
710
900
V2
900
1120
AA
1120
1400
AB
1400
1800
CROSSING TABLE
VISHAY
OSRAM
NICHIA
VLMW32T2V1
LWE67C-T2V1
NSCW021T
VLMW32U2V2
LWE67C-U2V2
NSCW021T
VLMW32T1V2
LWE67C-T1V2
NSCW021T
VLMW32U2AA
LWE6SC-U2AA
NSCW021T
VLMW32V2AB
LWE6SC-V2AB
NSCW021T
CHROMATICITY COORDINATED GROUPS FOR WHITE SMD LED
X
Y
X
Y
5L
0.291
0.268
7L
0.330
0.330
0.285
0.279
0.330
0.347
0.307
0.312
0.347
0.371
0.310
0.297
0.345
0.352
5K
0.296
0.259
7K
0.330
0.310
0.291
0.268
0.330
0.330
0.310
0.297
0.338
0.342
0.313
0.284
0.352
0.344
6L
0.310
0.297
8L
0.345
0.352
0.307
0.312
0.347
0.371
0.330
0.347
0.367
0.401
0.330
0.330
0.364
0.380
6K
0.313
0.284
8K
0.352
0.344
0.310
0.297
0.338
0.342
0.330
0.330
0.364
0.380
0.330
0.310
0.360
0.357


Similar Part No. - VLMW32T2V1-5K8L-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW320 VISHAY-VLMW320 Datasheet
318Kb / 12P
   Available in 8 mm tape
Rev. 1.2, 30-Jul-08
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
318Kb / 12P
   Available in 8 mm tape
Rev. 1.2, 30-Jul-08
VLMW3201-GS08 VISHAY-VLMW3201-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMW3201-GS08 VISHAY-VLMW3201-GS08 Datasheet
318Kb / 12P
   Available in 8 mm tape
Rev. 1.2, 30-Jul-08
More results

Similar Description - VLMW32T2V1-5K8L-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com