Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMYG30G2K1-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMYG30G2K1-GS08
Description  Low current SMD LED PLCC-2
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMYG30G2K1-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMYG30G2K1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMYG30G2K1-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number 81648
Rev. 1.0, 23-Aug-07
www.vishay.com
3
Vishay Semiconductors
VLMPG/YG30..
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one Packing Unit I
Vmax/IVmin ≤ 1.6
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
OPTICAL AND ELECTRICAL CHARACTERISTICS1) VLMYG30.., YELLOW GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP
MAX
UNIT
Luminous intensity2)
IF = 2 mA
IV
2.24
9.0
mcd
Dominant wavelength
IF = 2 mA
λ
d
566
574
575
nm
Peak wavelength
IF = 2 mA
λ
p
576
nm
Angle of half intensity
IF = 2 mA
ϕ
± 60
deg
Forward voltage
IF = 2 mA
VF
2.2
V
Reverse voltage
IR = 10 µA
VR
5V
Temperature coefficient of VF
IF = 20 mA
TCV
- 4
mV/K
Temperature coefficient of IV
IF = 20 mA
TCI
- 0.2
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (MCD)
STANDARD
OPTIONAL
MIN
MAX
E
1
0.71
0.90
2
0.90
1.12
F
1
1.12
1.40
2
1.40
1.80
G
1
1.80
2.24
2
2.24
2.80
H
1
2.80
3.55
2
3.55
4.50
J
1
4.50
5.60
2
5.60
7.10
K
1
7.10
9.00
COLOR CLASSIFICATION
GROUP
PURE GREEN
DOM. WAVELENGTH (NM)
MIN.
MAX.
0
555
559
1
558
561
2
560
563
3
562
565
COLOR CLASSIFICATION
GROUP
YELLOW-GREEN
DOM. WAVELENGTH (NM)
MIN.
MAX.
5
566
569
6
568
571
7
570
573
8
572
575


Similar Part No. - VLMYG30G2K1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMYG30G2K1-GS08 VISHAY-VLMYG30G2K1-GS08 Datasheet
182Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
More results

Similar Description - VLMYG30G2K1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMT3100 VISHAY-VLMT3100_V01 Datasheet
169Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
VLMT3100 VISHAY-VLMT3100_V02 Datasheet
232Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMY30 VISHAY-VLMY30_V02 Datasheet
262Kb / 8P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMA3101 VISHAY-VLMA3101_V01 Datasheet
245Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
914Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.2, 15-Mar-11
VLMA3100 VISHAY-VLMA3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 24-May-07
VLMT3100 VISHAY-VLMT3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 01-Jun-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3000-GS08 TO-GRACE-VLMS3000-GS08 Datasheet
656Kb / 9P
   Low Current SMD LED PLCC-2
VLMYG30H2K1 TO-GRACE-VLMYG30H2K1 Datasheet
650Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1_V01 Datasheet
218Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3100-GS08 TO-GRACE-VLMC3100-GS08 Datasheet
623Kb / 7P
   Low Current SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com