Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMTG31N2S1-GS18 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMTG31N2S1-GS18
Description  Standard SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMTG31N2S1-GS18 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMTG31N2S1-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMTG31N2S1-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number 81289
Rev. 1.2, 15-May-08
www.vishay.com
5
Vishay Semiconductors
VLMTG31..
For technical support, please contact: LED@vishay.com
SOLDERING PROFILE
BAR CODE PRODUCT LABEL
A) Type of component
B) Manufacturing plant
C) SEL - Selection code (bin):
e.g.: N2 = code for luminous intensity group
3 = code for color group
D) Date code year/week
E) Day code (e.g. 1: Monday)
F) Batch No.
G) Total quantity
H) Company code
Figure 10. Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020C)
Figure 11. Double Wave Soldering of Opto Devices (all Packages)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
255 °C
235 °C to 260 °C
2 K/s
ca. 200 K/s
ca. 2 K/s
second
wave
first wave
ca. 5 K/s
5 s
full line: typical
dotted line: process limits
Time (s)
lead temperature
300
250
200
150
100
50
0
0
100
150
200
250
948626-1
TTW Soldering
(acc. to CECC00802)
50
100 °C to 130 °C
forced cooling
106
37
VISHAY
A
H
BC
D
E
F
G
20157


Similar Part No. - VLMTG31N2S1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMTG3100-GS08 VISHAY-VLMTG3100-GS08 Datasheet
197Kb / 10P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLMTG3100-GS18 VISHAY-VLMTG3100-GS18 Datasheet
197Kb / 10P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
More results

Similar Description - VLMTG31N2S1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com