Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY3102-GS08 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VLMY3102-GS08
Description  Standard SMD LED PLCC-2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY3102-GS08 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VLMY3102-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 9Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 10Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 11Page - Vishay Siliconix VLMY3102-GS08 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number 84789
Rev. 1.5, 16-May-08
Vishay Semiconductors
VLMG310./VLMH310./VLMO310./VLMP310./VLMY310.
For technical support, please contact: LED@vishay.com
Figure 17. Relative Luminous Intensity vs. Forward Current
Figure 18. Relative Intensity vs. Wavelength
Figure 19. Forward Current vs. Forward Voltage
yellow
IF - Forward Current (mA)
100
0.01
0.1
1
10
95 9999
10
1
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow
green
0.1
1
10
100
VF - Forward Voltage (V)
5
2
1
03
95 9986
4
Figure 20. Relative Luminous Intensity vs. Ambient Temperature
Figure 21. Specific Luminous Intensity vs. Forward Current
Figure 22. Relative Luminous Intensity vs. Forward Current
green
0
0.4
0.8
1.6
1.2
2.0
95 10320
Tamb -Ambient Temperature (°C)
20
40
60
80
0
100
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
green
IF (mA)
0.5
0.2
0.1
0.05
0.02
1
tp/T
green
IF - Forward Current (mA)
100
0.01
0.1
1
10
95 9996
10
1


Similar Part No. - VLMY3102-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY3102-GS08 VISHAY-VLMY3102-GS08 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMY3102-GS08 TO-GRACE-VLMY3102-GS08 Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMY3102-GS08 VISHAY-VLMY3102-GS08 Datasheet
303Kb / 12P
   Standard SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMY3102-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com