Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMP31G2J1-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMP31G2J1-GS18
Description  Standard SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP31G2J1-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMP31G2J1-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMP31G2J1-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 81328
Rev. 1.2, 08-Apr-08
www.vishay.com
3
Vishay Semiconductors
VLMP31..
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Max. Permissible Forward Current vs.
Ambient Temperature
Figure 2. Permissible Pulse Forward Current vs. Pulse Length
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
0
10
20
30
40
60
95 10905
50
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length (ms)
100
95 9985
DC
t p /T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
T
amb < 6 0 °C
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Relative Luminous Intensity vs. Forward Current
500
520
540
560
580
0
0.2
0.4
0.6
0.8
1.2
600
95 10325
1.0
pure green
λ - Wavelength (nm)
02
0.1
1
10
100
5
95 9988
pure green
VF - Forward Voltage (V)
13
4
0.01
0.1
1
10
100
10
1
95 9998
pure green
IF - Forward Current (mA)


Similar Part No. - VLMP31G2J1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMP31G2J1-GS18 VISHAY-VLMP31G2J1-GS18 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMP31G2J1-GS18 TO-GRACE-VLMP31G2J1-GS18 Datasheet
771Kb / 7P
   Standard SMD LED PLCC-2
More results

Similar Description - VLMP31G2J1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com