Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMK33Q2T1-GS18 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMK33Q2T1-GS18
Description  Power SMD LED in PLCC-2 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMK33Q2T1-GS18 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLMK33Q2T1-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMK33Q2T1-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 81350
Rev. 1.1, 13-Sep-07
Vishay Semiconductors
VLMK33..
SOLDERING PROFILE
BAR CODE PRODUCT LABEL
EXAMPLE:
A) Type of component
B) Manufacturing plant
C) SEL - selection code (bin):
e.g.: Q2 = code for luminous intensity group
D) Date code year/week
E) Day code (e.g. 2: Tuesday)
F) Batch no.
G) Total quantity
H) Company code
Figure 13.Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020C)
Figure 14.Double Wave Soldering of Opto Devices (all Packages)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for lead (Pb)-free soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
255 °C
235 °C...260 °C
2 K/s
ca. 200 K/s
ca. 2 K/s
second
wave
first wave
ca. 5 K/s
5 s
full line: typical
dotted line: process limits
Time (s)
Lead Temperature
300
250
200
150
100
50
0
0
100
150
200
250
948626-1
TTW Soldering
(acc. to CECC00802)
50
100 °C...130 °C
forced cooling
106
37
VISHAY
A
H
B
C
D
E
F
G
19988


Similar Part No. - VLMK33Q2T1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS18 VISHAY-VLMK33Q2T1-GS18 Datasheet
153Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.9, 03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS18 TO-GRACE-VLMK33Q2T1-GS18 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
More results

Similar Description - VLMK33Q2T1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK330 VISHAY-TLMK330 Datasheet
187Kb / 11P
   Power SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com