Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOMC16031002BT1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TOMC16031002BT1
Description  Molded, 50 Mil Pitch Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOMC16031002BT1 Datasheet(HTML) 2 Page - Vishay Siliconix

  TOMC16031002BT1 Datasheet HTML 1Page - Vishay Siliconix TOMC16031002BT1 Datasheet HTML 2Page - Vishay Siliconix TOMC16031002BT1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOMC
Vishay Thin Film
Molded, 50 Mil Pitch Resistor Networks
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60008
28
Revision: 05-Mar-08
DIMENSIONS AND IMPRINTING in inches and millimeters
DERATING CURVES
VISHAY
Symbol
Date
Code
Lead #1
Indicator
F
Centered
Max.
Marking
Area
Part No.
M
N
B
C
S
A
E Typical
TOMC-XX
G
H
J
K L ± 0.015
(1.27)
P
R
Q
Centered Max.,
Marking Area
D
DIMENSION
INCHES
MM
D
0.050
1.27
E
0.018
0.457
F
0.160
4.06
G
0.08
2.03
H
0.036
0.914
J
0.22
5.59
K
0.244
6.20
L
0.30
7.52
M
0.045
1.14
N
0.003
0.076
P
0.005
1.27
Q
0.008
0.203
R
0.085
2.16
S
0.003
0.076
TYPE
A
B
C
16
0.350" (8.89)
0.400" (10.16)
0.440" (11.176)
0.045 W
0.65 W
0.75 W
0.05 W
TOMC-1601
Single
Resistor
0.085 W
0.65 W
0.75 W
0.05 W
TOMC-1603
Single
Resistor
- 50 °C
- 25 °C
+ 70 °C
+ 125 °C + 150 °C
- 50 °C
- 25 °C
+ 70 °C
+ 125 °C + 150 °C
0.48 W
0.48 W
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TOMC16031002BUF (preferred part number format)
GLOBAL MODEL
(4 or 5 digits)
PINS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
TOMC
(Tin lead)
TOMCT
(Lead (Pb)-free)
(e3)
16
01 = 15 bussed
equal resistors
03 = 7 or 8
isolated equal
resistors
First
3
digits
are
significant figures and
the last digit specifies
the number of zeroes
to follow.
Example:
1002 = 10K
1003 = 100K
Abs. tol.
**A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
*Z = 0.1 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
TAPE AND REEL
T0 = 100 min. 100 mult
T1 = 1000 min. 1000 mult
T3 = 300 min. 300 mult
T5 = 500 min. 500 mult
TF = Full reel 2000
TS = 100 min. 1 mult
UF = TUBED
* Tol. available 1K and up
** Tol. available 250 and up
Historical Part Number example: TOMC16011002Z (will continue to be accepted)
TOMC
16
01
1002
Z
SERIES
NUMBER OF LEADS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
CT
1
6
1
1
0
0
OM
3Z
T1
0
T
C1
6
3
1
0
0
OM
2B
U
F
0
T


Similar Part No. - TOMC16031002BT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC16031002BT1 VISHAY-TOMC16031002BT1 Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
More results

Similar Description - TOMC16031002BT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com