Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMC3101 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMC3101
Description  Low Current SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMC3101 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLMC3101 Datasheet HTML 1Page - Vishay Siliconix VLMC3101 Datasheet HTML 2Page - Vishay Siliconix VLMC3101 Datasheet HTML 3Page - Vishay Siliconix VLMC3101 Datasheet HTML 4Page - Vishay Siliconix VLMC3101 Datasheet HTML 5Page - Vishay Siliconix VLMC3101 Datasheet HTML 6Page - Vishay Siliconix VLMC3101 Datasheet HTML 7Page - Vishay Siliconix VLMC3101 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 81649
Rev. 1.1, 18-Sep-07
Vishay Semiconductors
VLMC310.
BAR CODE PRODUCT LABEL
EXAMPLE:
A) Type of component
B) Manufacturing plant
C) SEL - selection code (bin):
e.g.: J1 = code for luminous intensity group
D) Date code year/week
E) Day code (e.g. 3: Wednesday)
F) Batch no.
G) Total quantity
H) Company code
DRY PACKING
The reel is packed in an anti-humidity bag to protect
the devices from absorbing moisture during transpor-
tation and storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A sec-
ondary cardboard box is used for shipping purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the alu-
minium bag has been opened to prevent moisture
absorption.
The
following
conditions
should
be
observed, if dry boxes are not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 672 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover
to the former condition by drying under the following
condition:
192 h at 40 °C + 5 °C/ - 0 °C and < 5 % RH (dry air/
nitrogen) or
96 h at 60 °C + 5 °C and < 5 % RH for all device con-
tainers or
24 h at 100 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 2a label
is included on all dry bags.
Example of JESD22-A112 level 2a label
ESD PRECAUTION
Proper storage and handling procedures should be fol-
lowed to prevent ESD damage to the devices espe-
cially when they are removed from the Antistatic
Shielding Bag. Electro-Static Sensitive Devices warn-
ing labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels
are printed at final packing areas. The labels are on
each packing unit and contain Vishay Semiconductors
specific data.
106
37
VISHAY
A
H
BC
D
E
F
G
20127
Aluminum bag
Label
Reel
15973
L E V E L
CAUTION
This bag contains
MOISTURE SENSITIVE DEVICES
1. Shelf life in sealed bag 12 months at <40°C and < 90% relative humidity (RH)
2. After this bag is opened devices that will be subjected to infrared reflow,
vapor-phase reflow, or equivalent processing (peak package body temp.
260°C) must be:
a)
Mounted within 672 hours at factory condition of < 30°C/60%RH or
b)
Stored at <10% RH.
3. Devices require baking before mounting if:
a)
Humidity Indicator Card is >10% when read at 23°C + 5°C or
b)
2a or 2b is not met.
4. If baking is required, devices may be baked for:
192 hours at 40°C + 5°C/-0°C and <5%RH (dry air/nitrogen)
or
96 hours at 60±5oCand <5%RH
For all device containers
or
24 hours at 100±5°C
Not suitable for reels or tubes
Bag Seal Date: ______________________________
(If blank, see bar code label)
Note: LEVEL defined by EIA JEDEC Standard JESD22-A113
2a
19786


Similar Part No. - VLMC3101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMC3101-GS08 VISHAY-VLMC3101-GS08 Datasheet
890Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.4, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3101-GS08 TO-GRACE-VLMC3101-GS08 Datasheet
623Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMC3101-GS08 VISHAY-VLMC3101-GS08 Datasheet
231Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMC3101-GS18 VISHAY-VLMC3101-GS18 Datasheet
890Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.4, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3101-GS18 TO-GRACE-VLMC3101-GS18 Datasheet
623Kb / 7P
   Low Current SMD LED PLCC-2
More results

Similar Description - VLMC3101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMT3100 VISHAY-VLMT3100_V01 Datasheet
169Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
VLMT3100 VISHAY-VLMT3100_V02 Datasheet
232Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMY30 VISHAY-VLMY30_V02 Datasheet
262Kb / 8P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMA3101 VISHAY-VLMA3101_V01 Datasheet
245Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
914Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.2, 15-Mar-11
VLMA3100 VISHAY-VLMA3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 24-May-07
VLMT3100 VISHAY-VLMT3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 01-Jun-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3000-GS08 TO-GRACE-VLMS3000-GS08 Datasheet
656Kb / 9P
   Low Current SMD LED PLCC-2
VLMYG30H2K1 TO-GRACE-VLMYG30H2K1 Datasheet
650Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1_V01 Datasheet
218Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3100-GS08 TO-GRACE-VLMC3100-GS08 Datasheet
623Kb / 7P
   Low Current SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com